Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP275 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza TMP275
Descripción Electrónicos  0.5째C Digital Out Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP275 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  TMP275 Datasheet HTML 1Page - Burr-Brown (TI) TMP275 Datasheet HTML 2Page - Burr-Brown (TI) TMP275 Datasheet HTML 3Page - Burr-Brown (TI) TMP275 Datasheet HTML 4Page - Burr-Brown (TI) TMP275 Datasheet HTML 5Page - Burr-Brown (TI) TMP275 Datasheet HTML 6Page - Burr-Brown (TI) TMP275 Datasheet HTML 7Page - Burr-Brown (TI) TMP275 Datasheet HTML 8Page - Burr-Brown (TI) TMP275 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TMP275
SBOS363A − JUNE 2006 − REVISED JUNE 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.
PARAMETER
CONDITION
TMP275
UNITS
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
−40
+125
°C
Accuracy (Temperature Error)
+10
°C to +85°C, V+ = 3.3V
±0.0625
±0.5
°C
0
°C to +100°C, V+ = 3.0V to 3.6V
±0.0625
±0.75
°C
−40
°C to +125°C, V+ = 3.0V to 3.6V
±0.0625
±1
°C
+25
°C to +100°C, V+ = 3.3V to 5.5V
0.2
±1.5
°C
Resolution(1)
Selectable
+0.0625
°C
DIGITAL INPUT/OUTPUT
Input Capacitance
3
pF
Input Logic Levels:
VIH
0.7(V+)
6.0
V
VIL
−0.5
0.3(V+)
V
Leakage Input Current, IIN
0V
≤ VIN ≤ 6V
1
µA
Input Voltage Hysteresis
SCL and SDA Pins
500
mV
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
V
Resolution
Selectable
9 to 12
Bits
Conversion Time
9-Bit
27.5
37.5
ms
10-Bit
55
75
ms
11-Bit
110
150
ms
12-Bit
220
300
ms
Timeout Time
25
54
74
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
50
85
µA
Serial Bus Active, SCL Freq = 400kHz
100
µA
Serial Bus Active, SCL Freq = 3.4MHz
410
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
3
µA
Serial Bus Active, SCL Freq = 400kHz
60
µA
Serial Bus Active, SCL Freq = 3.4MHz
380
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+127
°C
Thermal Resistance
qJA
MSOP-8
250
°C/W
(1) Specified for 12-bit resolution.


Número de pieza similar - TMP275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP275 TI-TMP275 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275-Q1 TI1-TMP275-Q1 Datasheet
553Kb / 31P
[Old version datasheet]   Automotive Grade Temperature Sensor
TMP275AID TI-TMP275AID Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AIDG4 TI-TMP275AIDG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AIDGKR TI-TMP275AIDGKR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
More results

Descripción similar - TMP275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com