Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8769 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA8769
Descripción Electrónicos  12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8769 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8769 Datasheet HTML 7Page - NXP Semiconductors TDA8769 Datasheet HTML 8Page - NXP Semiconductors TDA8769 Datasheet HTML 9Page - NXP Semiconductors TDA8769 Datasheet HTML 10Page - NXP Semiconductors TDA8769 Datasheet HTML 11Page - NXP Semiconductors TDA8769 Datasheet HTML 12Page - NXP Semiconductors TDA8769 Datasheet HTML 13Page - NXP Semiconductors TDA8769 Datasheet HTML 14Page - NXP Semiconductors TDA8769 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2003 Dec 09
11
Philips Semiconductors
Objective specification
12-bit, 60/80/105 Msps Analog-to-Digital Converter
(ADC) Nyquist/high IF sampling
TDA8769
Notes
1. Explanation tests:
a) D = guaranteed by design
b) C = guaranteed by characterization
c) I = industrially tested for 100%.
SFDR
spurious free
dynamic range
TDA8769HW/6
fi = 21.4 MHz
B = Nyquist
77
dBc
spurious free
dynamic range
TDA8769HW/8
fi = 21.4 MHz
B = Nyquist
77
dBc
fi = 50 MHz
B = Nyquist
70
dBc
B = 5 MHz
80.8
dBc
spurious free
dynamic range
TDA8769HW/10
fi = 21.4 MHz
B = Nyquist
68
dBc
fi = 78 MHz
B = Nyquist
67
dBc
B = 5 MHz
84
dBc
ENOB
effective number
of bits
TDA8769HW/6
fi = 21.4 MHz; note 8
B = Nyquist
10.6
bit
effective number
of bits
TDA8769HW/8
fi = 21.4 MHz; note 8
B = Nyquist
10.6
bit
fi = 50 MHz; note 8
B = Nyquist
10.3
bit
B = 5 MHz
11.7
bit
effective number
of bits
TDA8769HW/10
fi = 21.4 MHz; note 8
B = Nyquist
10
bit
fi = 78 MHz; note 8
B = Nyquist
9.6
bit
B = 5 MHz
11.8
bit
IM2
second order
intermodulation
distortion
fi1 = 15 MHz and
fi2 = 18 MHz; note 10
fclk= 80 Msps
(tbf)
dBFS
IM3
third order
intermodulation
distortion
fi1 = 15 MHz and
fi2 = 18 MHz; note 10
fclk= 80 Msps
82
dBFS
BER
bit error rate
fi = 25 MHz;
VIN = 16LSB at code
2047; fclk = 105 Msps
(tbf)
SYMBOL
PARAMETER
CONDITIONS
TEST(1)
MIN.
TYP.
MAX.
UNIT


Número de pieza similar - TDA8769

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K PHILIPS-TDA8760K Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/2 PHILIPS-TDA8760K/2 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/4 PHILIPS-TDA8760K/4 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
More results

Descripción similar - TDA8769

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
Texas Instruments
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com