Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CA3101R20-27PXF80 Datasheet(PDF) 6 Page - ITT Industries |
|
CA3101R20-27PXF80 Datasheet(HTML) 6 Page - ITT Industries |
6 / 15 page www.ittcannon.com 172 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER Contact Arrangements (Continued) LEGEND Resilient only Resilient & Plastic Shell Size No. of Contacts Service Rating 20-7 8 #16 A(C-F) D(A,B,G,H) 20-16 7 #16(A-G) 2 #12(H,I) A 20-18 6 #16(A,C-E,G,H) 3 #12(B,F,I) A 20-33 11 #16 A 20-11 13 #16 Inst. 20-27 14 #16 A 20-29 17 #16 A 22-7 1 #0 E 22-12 3 #16(A,C,D) 2 #8(B,E) D 22-22 4 #8 A 22-10 4 #16 E 22-4 2 #12(A,C) 2 #8(B,D) A 22-9 3 #12 E 22-6 1 #16(B) 2 #8(A,C) D 22-2 3 #8 D 22-11 2 #16 B 22-13 1 #16(E) 4 #12(A-D) A(A-D), D(E) 22-5 4 #16(A,C,D,F) 2 #12(B,E) D 22-15 1 #16(D) 5 #12(A-C,E,F) A(A-C,E,F),E(D) 22-28 7 #12 A 22-18 8 #16 A(C-E) D(all others) 22-23 8 #12 D(H) A(all others) 22-17 8 #16(A-D,F-J) 1 #12(E) D(A), A(all others) 22-20 9 #16 A 24-10 7 #8 A 24-2 7 #12 D 24-12 3 #12(B,D,E) 2 #4(A,C,) A 24-22 4 #8 D 24-9 2 #4 A 22-14 19 #16 A 22-19 14 #16 A 22-27 8 #16(A-H) 1 #8(J) D(J), A (all others) 24-27 7 #16 E 24-6 8 #12 D(A,G,H) A(all others) 24-11 6 #12(A-C,G-I) 3 #8(D-F) A 24-20 9 #16(A-D,G-L) 2 #12(E,F) D 24-19 12 #16 6 #12(B-G) A 24A24 12 #12 A 24-5 16 #16 A 24-7 14 #16(A-M,O) 2 #12(P,N) A Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating High Volume Layouts - readily available from Cannon Distributors ¢ ¢ ¢ ¢ ¢ ¢ A A A A A A A A A A A A A A A A A B B B B B B B B C C C C C C C C D D D D D D D D E E E E E E E E E E E E E E E E E A A A A A A A A A A A A A A A A B B B B B B B B B B B B B B B B C C C C C C C C C C C C C C C D D D D D D D D D D D D D D D E E E F F F G G G H H H J J K L M M N N P P R S T U V L K J E E F F F F F F F F F F F F F F F F F J J H H H H G G G G G G G G G G G H H H H H H H I J J J J J J K K K K K L L L L L M M M M N N N O P P S R G G G A A A A A A B B B B B B B B B B B B B B B C C C C C C C C C C C C C C D D D D D D D D D D D E E E E E E E E F F F F G G G H H H J J J J K K K L L L M M M N N N P R S T F F F G G G H J J M L J K H H H |
Número de pieza similar - CA3101R20-27PXF80 |
|
Descripción similar - CA3101R20-27PXF80 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |