Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8340ACPZ-WP Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8340ACPZ-WP
Descripción Electrónicos  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8340ACPZ-WP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8340ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 9Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 10Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 11Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 12Page - Analog Devices AD8340ACPZ-WP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8340
Rev. 0 | Page 9 of 20
IMPEDANCE CIRCLE
S22 PORT WITH 1 TO 1 TRANSFORMER
SDD22 PORT DIFFERENTIAL
0
180
30
330
60
90
270
300
120
240
150
210
1.5GHz
1.5GHz
500MHz
500MHz
Figure21.OutputImpedanceSmithChart(withFrequencyMarkers)
GAIN SETPOINT
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
PHASE SETPOINT = 0°
PHASE SETPOINT = 45°
PHASE SETPOINT = 90°
Figure22.PhaseErrorvs.GainSetpointbyPhaseSetpoint,5Vdc,25°C,880MHz
TEMPERATURE (°C)
135
127
20
134
130
129
128
133
132
131
126
40
30
125
60
70
80
50
–40 –30 –20 –10
0
10
5.25V
5V
4.75V
Figure23.SupplyCurrentvs.Temperature
DSOP VOLTAGE (V)
0
1.5
2.5
4.5
5.0
4.0
3.5
3.0
2.0
1.0
0.5
0
–5
–50
–10
–15
–20
–25
–30
–35
–40
–45
Figure24.PowerShutdownAttenuation
CH1 200mV
CH3 2.0V
M 10.0ns 5.0GS/s
A CH2
160mV
ET 200ps/pt 74.0ns
TIME (10ns/DIV)
TEK FAST ACQ SAMPLE
3
2V/DIV
200mV/DIV
RF OUTPUT
DSOP
Figure25.PowerShutdownResponseTime


Número de pieza similar - AD8340ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results

Descripción similar - AD8340ACPZ-WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com