Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8340-EVAL Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8340-EVAL
Descripción Electrónicos  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8340-EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD8340-EVAL Datasheet HTML 1Page - Analog Devices AD8340-EVAL Datasheet HTML 2Page - Analog Devices AD8340-EVAL Datasheet HTML 3Page - Analog Devices AD8340-EVAL Datasheet HTML 4Page - Analog Devices AD8340-EVAL Datasheet HTML 5Page - Analog Devices AD8340-EVAL Datasheet HTML 6Page - Analog Devices AD8340-EVAL Datasheet HTML 7Page - Analog Devices AD8340-EVAL Datasheet HTML 8Page - Analog Devices AD8340-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8340
Rev. 0 | Page 3 of 20
SPECIFICATIONS
V = 5 V, T = 25°C, Z = 50 Ω, f = 880 MHz, single-ended, ac-coupled source drive to RFIP through 5.6 nH series inductor, RFIM
ac-coupled through 5.6 nH series inductor to common, differential-to-single-ended conversion at output using 1:1 balun.
S
A
O
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
700
1000
MHz
Maximum Gain
Maximum gain setpoint for all phase setpoints
−2
dB
Minimum Gain
VBBI = VBBQ = 0 V
−32
dB
Gain Control Range
Relative to maximum gain
30
dB
Phase Control Range
Over 30 dB control range
360
°
Gain Flatness
Over any 60 MHz bandwidth
0.25
dB
Group Delay Flatness
Over any 60 MHz bandwidth
10
ps
RF INPUT STAGE
RFIM, RFIP (Pins 21 and 22)
Input Return Loss
From RFIP to CMRF (with 5.6 nH series inductors)
20
dB
CARTESIAN CONTROL INTERFACE (I & Q)
IBBP, IBBM, QBBP, QBBM (Pins 16, 15, 3, 4)
Gain Scaling
2
1/V
Modulation Bandwidth
250 mV p-p sinusoidal baseband input single-ended
230
MHz
Second Harmonic Distortion
250 mV p-p, 1 MHz, sinusoidal baseband input differential
47
dBc
Third Harmonic Distortion
250 mV p-p, 1 MHz, sinusoidal baseband input differential
45
dBc
Step Response
For gain setpoint from 0.1 to 0.9
(VBBP = 0.5 V, VBBM = 0.55 V to 0.95 V)
45
ns
For gain setpoint from 0.9 to 0.1
(VBBP = 0.5 V, VBBM = 0.95 V to 0.55 V)
47
ns
RF OUTPUT STAGE
RFOP, RFOM (Pins 9, 10)
Output Return Loss
Measured through balun
7.5
dB
f = 880 MHz
Gain
Maximum gain setpoint
−2
dB
Output Noise Floor
Maximum gain setpoint, no input
−149
dBm/Hz
PIN = 0 dBm, frequency offset = 20 MHz
−147
dBm/Hz
Output IP3
f1 = 880 MHz, f2 = 877.5 MHz, maximum gain setpoint
24
dBm
ACPR
IS-95, single carrier, POUT = 0 dBm, maximum gain,
phase setpoint = 45°
62
dBc
Output 1 dB Compression Point
Maximum gain
11
dBm
POWER SUPPLY
VPS2 (Pin 5, 6, 14); RFOP, RFOM (Pins 9, 10)
Positive Supply Voltage
4.75
5
5.25
V
Total Supply Current
Includes load current
110
130
150
mA
OUTPUT DISABLE
DSOP (Pin 13)
Disable Threshold
2.5
V
Maximum Attenuation
DSOP = 5 V
40
dB
Enable Response Time
Delay following high-to-low transition until device
meets full specifications
15
ns
Disable Response Time
Delay following low-to-high transition until device
produces full attenuation
10
ns


Número de pieza similar - AD8340-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results

Descripción similar - AD8340-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com