Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CA3108E20-27SXF80 Datasheet(PDF) 7 Page - ITT Industries |
|
CA3108E20-27SXF80 Datasheet(HTML) 7 Page - ITT Industries |
7 / 15 page www.ittcannon.com 173 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER Contact Arrangements (Continued) LEGEND Resilient only Resilient & Plastic Shell Size No. of Contacts Service Rating 24-28 24 #16 Inst. 28-7 2 #4 D 28-22 3 #16(D-F) 3 #4(A-C) D 28-10 3 #12(A,F,G) 2 #8(B,E) 2 #4(C,D) D(G), A(all others) 28-1 6 #12(A,B,D-F,H) 3 #8(C,J,G) D(A,E,J) A(all others) 28A16 5 #16(A,D-F,J) 4 #4(B,C,G,H) A 28-19 6 #16(A-C,H,L,M) 4 #12(E,G,J,K) A(C,E,G,J,K,L) B(H,M),D(A,B) 28-12 26 #16 A 28-11 18 #16(A-I, N-X) 4 #12(J-M) A 28-16 20 #16 A 28-17 15 #16 A(A-L), B(R) D(M-P) 28-20 4 #16(K-N) 10 #12(A-J,P) A 28-2 12 #16(A,L,N) 2 #12(M,P) D 28-9 6 #16(A,H-M) 6 #12(B-G) D 28-15 35 #16 A For MIL equip design, use 28-21 28-21 37 #16 A 28A51 43 #16 A 32-17 4 #4 D 32-1 3 #12(A,C,D) 2 #0(B,E) E(A),D(all others) 32-15 2 #0(A,G) 6 #12(B,C,D,E,F,H) D 32-9 12 #16(C-N) 2 #4(A,B) D 36-4 3 #0 A(B,C),C(A) 32A10 54 #16 A 32A47 47 #16 A 32-7 28 #16(A-N,W-Z,a-k) 7 #12(O-V) Inst. (A,B,h,j) A(all others) 32-8 24 #16(A-L,T-Z,a-e) 6 #12(M-S) 2 #8(O,R) A For new MIL equip. design, use 32-7 32-6 16 #16(A-O,S) 2 #12(U,V) 3 #8(P,R,T) 2 #4(W,X) A Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating *NOTE: Additional layouts are the same as shown but in unique alternate positioins. Please consult the factory. High Volume Layouts - readily available from Cannon Distributors ¢ ¢ ¢ ¢ A A A A B B B B C C C D D D E E E F F F G G H J K L M N P Q R S T U V W X Y Z A A A A A A A A A A A A A B B B B B B B B B B B B B C C C C C C C C C C C C C D D D D D D D D D D D D E E E E E E E E E E E E E F F F F F F F F F F F F G G G G G G G G G G G G G H H H H H H H H H H H H H J J J I I J J J J J J J I J J J K L L L L L L L L L L K K K K K K K K K K L M M M M M M M M M M M N N N N N N N N N P P P P P P P P P O O Q R R R R R R R S S S S S S T T T T T T U U U U U U V V V V V V W W W W W X X X X X Y Y Y Z Z a a b b c c d d e e f g h j k l m A A A A A A A B B B B B B B C C C C C C C D D D D D D D E E E E E E F F F F F G G G G H H H H J J I J G H J L L L L K K K K M M M M N N N N P P O O P P R R R R S S S S T T T T U U U U V V V V W W W W X X X Y Y Y Z Z Z Z a a a b b b c c a b c c d d d d e e e e f f f f g g g g h h h h j j j j k k k k l l n p r s m n p q r s t u v w x y A A B B C C D E F G H J L K M N l m n p r s t u v w y m Z a b d |
Número de pieza similar - CA3108E20-27SXF80 |
|
Descripción similar - CA3108E20-27SXF80 |