Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UA78M08CKC Datasheet(PDF) 4 Page - Texas Instruments |
|
UA78M08CKC Datasheet(HTML) 4 Page - Texas Instruments |
4 / 18 page www.ti.com Absolute Maximum Ratings (1) Package Thermal Data (1) Recommended Operating Conditions µA78M00 SERIES POSITIVE-VOLTAGE REGULATORS SLVS059P – JUNE 1976 – REVISED OCTOBER 2005 over virtual junction temperature range (unless otherwise noted) MIN MAX UNIT VI Input voltage 35 V TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. PACKAGE BOARD θ JP (2) θ JC θ JA PowerFLEX/TO-252 – KTP High K, JESD 51-5 1.4 °C/W 19 °C/W 28 °C/W SOT-223 – DCY High K, JESD 51-7 30.6 °C/W 53 °C/W TO-220 – KC/KCS High K, JESD 51-5 3 °C/W 17 °C/W 19 °C/W (1) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (2) For packages with exposed thermal pads, such as QFN, PowerPAD™, or PowerFLEX, θ JP is defined as the thermal resistance between the die junction and the bottom of the exposed pad. MIN MAX UNIT µA78M33 5.3 25 µA78M05 7 25 µA78M06 8 25 µA78M08 10.5 25 VI Input voltage V µA78M09 11.5 26 µA78M10 12.5 28 µA78M12 14.5 30 µA78M15 17.5 30 IO Output current 500 mA µA78MxxC 0 125 TJ Operating virtual junction temperature °C µA78MxxI –40 125 4 |
Número de pieza similar - UA78M08CKC |
|
Descripción similar - UA78M08CKC |