Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA5052RSARG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPA5052RSARG4
Descripción Electrónicos  STEREO DIGITAL AUDIO LIP-SYNC DELAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA5052RSARG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPA5052RSARG4 Datasheet HTML 1Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 2Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 3Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 4Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 5Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 6Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 7Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 8Page - Texas Instruments TPA5052RSARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ti.com
PIN DESCRIPTIONS
DEL1
LRCLK
DEL3
GND
DEL0
DEL2
DATA
11
9
10
12
3
1
2
4
DEL4
TPA5052
SLOS500A – JUNE 2006 – REVISED AUGUST 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
RSA (QFN) PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
DEL0
10
I
Delay select pin – LSB. 5V tolerant input.
DEL1
11
I
Delay select pin. 5V tolerant input.
DEL2
12
I
Delay select pin. 5V tolerant input.
DEL3
3
I
Delay select pin. 5V tolerant input.
DEL4
4
I
Delay select pin - MSB. 5V tolerant input.
BCLK
16
I
Audio data bit clock input for serial input. 5V tolerant input.
DATA
2
I
Audio serial data input for serial input. 5V tolerant input.
DATA_OUT
15
O
Delayed audio serial data output.
GND
5–9
P
Ground – All ground terminals must be tied to GND for proper operation
LRCLK
1
I
Left and Right serial audio sampling rate clock (fs). 5V tolerant input.
VDD
13, 14
P
Power supply interface. Both pins must be tied to power supply.
Connect to ground. Must be soldered down in all applications to properly secure device on the
Thermal Pad
-
PCB.
2
Submit Documentation Feedback


Número de pieza similar - TPA5052RSARG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Descripción similar - TPA5052RSARG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com