Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS19227PBI Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

No. de pieza CS19227PBI
Descripción Electrónicos  10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMCC [Applied Micro Circuits Corporation]
Página de inicio  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19227PBI Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  CS19227PBI Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19227PBI Datasheet HTML 2Page - Applied Micro Circuits Corporation CS19227PBI Datasheet HTML 3Page - Applied Micro Circuits Corporation CS19227PBI Datasheet HTML 4Page - Applied Micro Circuits Corporation CS19227PBI Datasheet HTML 5Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Empowering Intelligent Optical Networks
3
Product Brief
RUBICON-LH
10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
Revision 1.9, March 2006
Part Number S19227PBI
will be 11.1GHz.
The second manner of 10GE-LAN mapping is supported in the
Rubicon-LH and involves the direct mapping of the client signal
into a 10.7GHz OTU-2 frame. There is no flow control to rate limit
the client in this mode.
AIS SUPPORT
For applications in which the client signal is SONET or SDH, the
Rubicon-LH can generate a SONET/SDH AIS on both the client
ingress and the egress.
For applications in which the client signal is G.709 compliant or for
OTN regenerator applications, Line Fail and un-equipped OTN
AIS is supported. For OTN edge applications, the device can be
provisioned to provide either a SONET/SDH AIS or a OTN
Generic AIS to the client. This facilitates convergence of the
SONET/SDH and OTN functions into a single network element.
ODU MAPPING
ITU compliant client mapping of SONET OC192 or SDH STM-64
into the ODU-2 signals (and the corresponding 2.5G signals into
an ODU-1) is supported whereby a stuff column is added to every
G.709 sub-frame resulting in an ODU rate expansion of (239/237).
The chip can be configured to insert the G.709 compliant stuff -
byte value or to insert user data into this column. The values
assigned to the stuff bytes can be defined either from a register
set on chip or from an external add-drop port. Coverage of these
stuff columns in the BIP calculation or in the FEC is optional and
can be enabled via software. When the no-coverage option is
enabled, the BIP and parity check values are calculated as if the
standard stuff values were present.
A direct map mode is supported for ODU-2 and ODU-1 with no
stuff columns to enable mapping with a 239/238 rate expansion.
Start-of-frame signals are provided at the input and output ports to
enable synchronization to the ODU.
LOOPBACK FUNCTIONS
Near-end and far-end loopback is supported for each of the client
interfaces and for the line interface. This enables line and device
testing and fault isolation. Each functional block may be bypassed
as required to support the application. When all blocks are
bypassed, the device allows transparent pass-through of client
data (assuming synchronous inputs).
Key status and alarm signals are provided to outside pins to
enable rapid response to failure conditions. These include but are
not limited to: LOS, OOF, LOF, B1 Errors, and FEC errors. Three
interrupt pins, each with a mask register are provided to enable
prioritization of interrupts and timely interaction with firmware.
In addition to the loopback capabilities of the device, the Rubicon-
LH also employs a unique port swapping capability allowing the
physical ports on the device to be interfaced to either side of the
FEC encoders. With this capability a customer can use the EFEC
core on either physical port of the device. This capability
increases the flexibility of a single board design used in a variety
of modes.
FORWARD ERROR CORRECTION CAPABILITY
Two FEC options are supported on the 10 Gbps line side. The
Rubicon-LH can support standard RS(255,239) FEC compliant
with G.709, G.975, and compatible with the AMCC Hudson
device. The device can also support an enhanced FEC algorithm
that is applied using the same G.709 frame structure and data rate
as used in the Hudson and Niagara devices, but providing more
than 2 dB of additional coding gain (*measured at a BER of 10-
15). The Rubicon-LH device will operate in a mode where both
encoders and decoders are working simultaneously, allowing for a
single chip transponder to operate between two networks with dif-
ferent gain characteristics.
LEGACY COMPATIBILITY
As indicated above, the Rubicon-LH also supports operation in
the G.975 mode. In this mode, the G.709 overhead processing
can be inhibited and direct access to the non-framing bytes in the
overhead column is provided through the pins on the device. The
device can should be configured to operate in the 255,238 map-
ping mode with no stuff columns inserted in the FEC payload.
FOOTPRINT COMPATIBILITY
In addition to the significant reuse of the Niagara register map in
the Rubicon, the Rubicon will also be pin compatible with the Nia-
gara device. Although the core power balls will be driven to a
lower voltage (1.2V versus 1.8V), with careful board design con-
siderations, the customer will be able to realize the Rubicon-LH
device in sockets designed for the Niagara chip. This capability
will allow the customer to use a more feature rich and lower power
dissipation device in the target socket.
CONTROL INTERFACE
A general purpose 16-bit microprocessor interface is provided for
control and monitoring. The interface supports both Intel and
Motorola type microprocessors, and is capable of operating in
either interrupt driven or polled-mode configurations.


Número de pieza similar - CS19227PBI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Applied Micro Circuits ...
CS19227PBI-2 AMCC-CS19227PBI-2 Datasheet
318Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
More results

Descripción similar - CS19227PBI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Applied Micro Circuits ...
CS19227PBI-2 AMCC-CS19227PBI-2 Datasheet
318Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
CS4815 AMCC-CS4815 Datasheet
181Kb / 3P
   OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
CS19208CBI AMCC-CS19208CBI Datasheet
131Kb / 4P
   OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
   Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
[Old version datasheet]   OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Texas Instruments
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
[Old version datasheet]   OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
   MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
BCM8129 BOARDCOM-BCM8129 Datasheet
123Kb / 1P
   MULTI RATE 10 GBPS SONET SDH / 10GE / FEC DEMUX
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com