Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-A2D5L9E-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

No. de pieza SD-A2D5L9E-FREQ
Descripción Electrónicos  LVDS UHF CLOCK (XO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEL [Nel Frequency Controls,inc]
Página de inicio  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A2D5L9E-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SD-A2D5L9E-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A2D5L9E-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-A2D5L9E-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD-A2D5XXX Series
Continued
LVDS UHF CLOCK (XO)
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
38
800
MHz
Supply Voltage
Vcc
Code A
3.135
3.3
3.465
V
Supply current
Icc
80
100
mA
Output Logic Type
LVDS
Load
At receiving end between
the outputs
90
100
110
Ohm
Output Levels
Vod
Differential amplitude
247
330
454
mV
Amplitude error
50
mV
Vof
Offset Voltage
1.125
1.25
1.375
V
Offset Voltage error
50
mV
Duty Cycle (Symmetry)
At outputs crossing, room
temperature
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.5
0.7
ns
Jitter
Integrated
J
Integrated from Phase
Noise, 12 KHz to 20 MHz
, RMS
0.3
ps
Wavecrest
characterized
Random
period,
<320 M
>320 M
2.5
2.5
ps
Accumul.,
pk-to-pk
<320 M
>320 M
30
43
ps
Deterministic
<320 M
>320 M
6
18
ps
Subharmonics
<320 M
>320 M
-50
-35
dBc
Phase Noise
£(∆f)
212.5 MHz
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-65
-95
-125
-140
-145
-148
dBc/Hz
Frequency Stability
∆F/F
Overall, including initial
calibration, temperature,
aging 10 years, shock and
vibration
See “Creating a Part Number”
Not all combinations
available, consult factory
ppm
Enable High Option
Pin 2 Enabled
Pin 2 Disabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
Enable Low Option
Pin 2 Disabled
Pin 2 Enabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. -
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0629C


Número de pieza similar - SD-A2D5L9E-FREQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nel Frequency Controls,...
SD-A2D00 NEL-SD-A2D00 Datasheet
45Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2D0X-FREQ NEL-SD-A2D0X-FREQ Datasheet
45Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2D1X-FREQ NEL-SD-A2D1X-FREQ Datasheet
45Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2D4H99-FREQ NEL-SD-A2D4H99-FREQ Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D4H9E-FREQ NEL-SD-A2D4H9E-FREQ Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
More results

Descripción similar - SD-A2D5L9E-FREQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nel Frequency Controls,...
SD-X2D4XXX-X NEL-SD-X2D4XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D4XXX NEL-SD-A2D4XXX Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D7XXX NEL-SD-A2D7XXX Datasheet
154Kb / 3P
   LVDS UHF CLOCK (XO)
SD-X2D5XXX-X NEL-SD-X2D5XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D7XXX-A NEL-SD-A2D7XXX-A Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
AA-A2D6XXX NEL-AA-A2D6XXX Datasheet
208Kb / 3P
   LVDS HF/UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com