Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF420 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BF420
Descripción Electrónicos  NPN high-voltage transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF420 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF420 Datasheet HTML 1Page - NXP Semiconductors BF420 Datasheet HTML 2Page - NXP Semiconductors BF420 Datasheet HTML 3Page - NXP Semiconductors BF420 Datasheet HTML 4Page - NXP Semiconductors BF420 Datasheet HTML 5Page - NXP Semiconductors BF420 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Nov 10
3
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF420; BF422
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on a printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on a printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF420
300
V
BF422
250
V
VCEO
collector-emitter voltage
open base
BF420
300
V
BF422
250
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
50
mA
ICM
peak collector current
100
mA
IBM
peak base current
50
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
830
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 200 V; IE =0 A
10
nA
VCB = 200 V; IE = 0 A; Tj = 150 °C
10
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0 A
50
nA
hFE
DC current gain
VCE =20V; IC =25mA
50
VCEsat
collector-emitter saturation voltage
IC = 30 mA; IB =5mA
0.6
V
Cre
feedback capacitance
VCE =30V; IC =ic = 0 A; f = 1 MHz
1.6
pF
fT
transition frequency
VCE =10V; IC = 10 mA; f = 100 MHz
60
MHz


Número de pieza similar - BF420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BF420 MOTOROLA-BF420 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
SHENZHEN YONGERJIA INDU...
BF420 WINNERJOIN-BF420 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
ON Semiconductor
BF420 ONSEMI-BF420 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Siemens Semiconductor G...
BF420 SIEMENS-BF420 Datasheet
123Kb / 4P
   NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
More results

Descripción similar - BF420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com