Nombre de pieza
         Descripción
MAX8811

 High-Speed, Dual-Phase Driver with Integrated Boost Diodes ( 11 Page)


MAXIM
100% 
Zoom Out Zoom In
 6 page
background image
High-Speed, Dual-Phase Driver
with Integrated Boost Diodes
6
_______________________________________________________________________________________
PWM
DL
LX
DH
tpDLf
tpDHf
tfDL
tpDHr
tpDLr
trDL
trDH
tfDH
*WHEN RDLY IS USED, tpDHr BECOMES THE USER-PROGRAMMABLE TIME DELAY, tDLY. DRAWING IS NOT TO SCALE.
(tDLY)*
MAX8811
PHASE 2
PHASE 1
UVLO
EN
LOGIC
EN
VL1
VL2
PWM2
PWM1
BST1
DH1
LX1
VL1
DL1
PGND1
DHON
DHLO
DLON
DLLO
LX1 LOW
DETECT
BST2
DH2
LX2
VL2
DL2
PGND2
DHON
DHLO
DLON
DLLO
LX2 LOW
DETECT
Figure 1. Functional Diagram
Figure 2. Driver Timing Diagram
1  2  3  4  5  6  7  8  9  10  11 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LT3470Micropower Buck Regulator with Integrated Boost and Catch Diodes 1 2 3 4 5 MoreLinear Integrated Systems
LM3519High Frequency Boost White LED Driver with High-Speed PWM Brightness Control 1 2 3 4 5 MoreNational Semiconductor
FPD94128528-Ch Small Format a-Si AMLCD Controller / Column Driver with Integrated Frame Buffer 1 2 3 4 National Semiconductor
MAX5077Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output 1 2 3 4 5 MoreMaxim Integrated Products
LMH0030SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver 1 2 3 4 5 MoreNational Semiconductor
WM9710AC97 Audio CODEC and Mixer with Integrated Headphone Driver 1 2 3 4 5 MoreWolfson Microelectronics plc
QS5917TLOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER 1 2 3 4 5 MoreIntegrated Device Technology
NTE739Integrated Circuit Dual Doubly Balanced Chroma Demodulator with RGB Matrix and Chroma Driver Stages 1 2 3 NTE Electronics
LM27961Dual-Display White LED Driver with 3/2x Switched Capacitor Boost 1 2 3 4 5 MoreNational Semiconductor
LP3931Dual RGB LED Driver with High Current Boost DC-DC Converter 1 2 3 4 5 MoreNational Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl