Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA-A2870-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

No. de pieza SA-A2870-FREQ
Descripción Electrónicos  Differential Positive ECL (DPECL)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEL [Nel Frequency Controls,inc]
Página de inicio  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SA-A2870-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SA-A2870-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SA-A2870-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
HA-2870 Series
Continued
Differential Positive ECL (DPECL)
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
18.0MHz
-----
250.0MHz
Duty Cycle
-----
@ V
CC-1.29V
45/55%
-----
55/45%
Logic 0
(2)
V
OL
-----
V
CC-1.95V
-----
V
CC-1.60V
Logic 1
(2)
V
OH
-----
V
CC-1.02V
-----
V
CC-0.74V
Rise & Fall Time
tr,tf
20-80%V
O with 50 ohm load to VCC-2V -----
1.0 ns
1.5 ns
Tpd
(4)
-----
-----
-0.5 ns
-----
+0.5 ns
Jitter, RMS
(3)
-----
-----
-----
-----
5 psec
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
-----
4.75V
5.0V
5.25V
Supply Current
I
CC
50 ohm termination
0.0 mA
-----
80 mA
To 2.00V below V
CC
Output current
I
O
Low level Output Current 0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
420 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
50 Ohm to V
CC-2V or Thevenin Equivalent, Bias Required
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
ESD Sensitivity
Human Body Model per ON Semiconductor 10kH series ECL: 500V min.
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) V
OL, VOH, referenced to ground (VEE) with VCC = 5.0V
3) Jitter performance is frequency dependent. Please contact factory for full characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
4) Tpd is phase shift between the falling edge of pin 5 at V
CC-1.29V and rising edge of pin 1 at VCC-1.29V.
Rev. N
CRYSTAL CLOCK OSCILLATORS
HA - A287X - FREQ
Package Code
Tolerance/Performance
HA
4 Pin (8 Pin)
0 ±100ppm 0-70°C
SA
4 Pin (8 Pin) SMD Gull
1 ±50ppm 0-70°C
Wing
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 9537A


Número de pieza similar - SA-A2870-FREQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nel Frequency Controls,...
SA-A1210 NEL-SA-A1210 Datasheet
298Kb / 2P
   TTL Compatible Enable/Disable
SA-A1210-FREQ NEL-SA-A1210-FREQ Datasheet
298Kb / 2P
   TTL Compatible Enable/Disable
SA-A1211 NEL-SA-A1211 Datasheet
298Kb / 2P
   TTL Compatible Enable/Disable
SA-A1211-FREQ NEL-SA-A1211-FREQ Datasheet
298Kb / 2P
   TTL Compatible Enable/Disable
SA-A1217 NEL-SA-A1217 Datasheet
298Kb / 2P
   TTL Compatible Enable/Disable
More results

Descripción similar - SA-A2870-FREQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nel Frequency Controls,...
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
   Differential Positive ECL (DPECL)
SK-A29B0 NEL-SK-A29B0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
SK-A29C0 NEL-SK-A29C0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
HK-2910 NEL-HK-2910 Datasheet
218Kb / 2P
   Differential Positive ECL (DPECL)
SU-A29F0 NEL-SU-A29F0 Datasheet
152Kb / 2P
   Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870 Datasheet
376Kb / 2P
   Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL)
SD-X2980 NEL-SD-X2980 Datasheet
157Kb / 3P
   Differential Positive ECL (DPECL)
HS-2870 NEL-HS-2870_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL)
SN-A2970 NEL-SN-A2970_10 Datasheet
84Kb / 3P
   Differential Positive ECL (DPECL)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com