Nombre de pieza
         Descripción
FSA221

 USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability ( 18 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 6 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA221 Rev. 1.0.3
6
DC Electrical Characteristics (Continued)
All typical values are at 25ºC unless otherwise specified.
TA = - 40°C to +85°C
Symbol
Parameter
VAudio
(V)
Conditions
Min.
Typ.
Max.
Unit
Power Supply
Vbusth
Vbus Threshold
Voltage
3.2
3.8
V
Vaudioth
Vaudio Threshold
0.5
1.5
V
ICC(Audio)
Quiescent Supply
Current (Audio)
3.6
VASel = 0 to Vaudio, IOUT = 0
6
10
µA
ICC(Vbus)
Quiescent Supply
Current (Vbus)
VASel = 0 to Vaudio, IOUT = 0
Vbus = 5.5V
12
20
µA
VASel = 2.6V, Vbus = floating
10
15
ICCT
Increase in ICC
current per control
voltage and VCC
3.6
VASel =1.8V, Vbus = floating
14
18
µA
Notes:
4.
On resistance is determined by the voltage drop between the A and B pins at the indicated current through the switch.
5.
∆ RON = RON max – RON min measured at identical VCC, temperature, and voltage. Worst-case signal path, audio or
USB channel, is characterized.
6.
Guaranteed by characterization, not production tested.
7.
Flatness is defined as the difference between the maximum and minimum values of on resistance over the
specified range of conditions.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FSA201USB2.0 Full-Speed and Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreFairchild Semiconductor
ISL54416Low Voltage Dual SPDT USB/CVBS/ Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreIntersil Corporation
MAX4762Low-Voltage Dual SPDT Audio Clickless Switches with Negative Rail Capability 1 2 3 4 5 MoreMaxim Integrated Products
HA12179FAudio Signal Processer for Car Deck and Cassette Deck Dolby B-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
PCM-9577Socket 370 SBC with Gigabit LAN USB2.0 VGA/LCD and Audio 1 2 List of Unclassifed Manufacturers
STA014MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY 1 2 3 4 5 MoreSTMicroelectronics
HA12163Audio Signal Processor for Car Deck and Cassette Deck Dolby B-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
HA12173Audio Signal Processor for Car Deck and Cassette Deck Dolby B/C-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
LM47343 Channel 20W Audio Power Amplifier with Mute and Standby 1 2 3 4 5 MoreNational Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl