Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3586DV Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI3586DV
Descripción Electrónicos  N- and P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3586DV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3586DV Datasheet HTML 1Page - Vishay Siliconix SI3586DV Datasheet HTML 2Page - Vishay Siliconix SI3586DV Datasheet HTML 3Page - Vishay Siliconix SI3586DV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si3586DV
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
VDS = VGS, ID = 250 µA
N-Ch
0.70
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
P-Ch
0.78
V
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
111
On-State Drain Current
a
ID(on)
VDS ≤ −5 V, VGS = −4.5 V
P-Ch
47
A
VGS = 4.5 V, ID = 3.4 A
N-Ch
0.048
0.047
VGS = −4.5 V, ID = −2.5 A
P-Ch
0.088
0.086
VGS = 2.5 V, ID = 3.2 A
N-Ch
0.056
0.054
VGS = −2.5 V, ID = −2 A
P-Ch
0.120
0.116
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8 V, ID = −1 A
P-Ch
0.165
0.170
VDS = 5 V, ID = 3.4 A
N-Ch
12
13
Forward Transconductance
a
gfs
VDS = −5 V, ID = −2.5 A
P-Ch
6.4
6
S
IS = 1.05 A, VGS = 0 V
N-Ch
0.80
0.80
Diode Forward Voltage
a
VSD
IS = −1.05 A, VGS = 0 V
P-Ch
−0.78
−0.80
V
Dynamic
b
N-Ch
4.1
4.1
Total Gate Charge
Qg
P-Ch
4
5
N-Ch
0.65
0.65
Gate-Source Charge
Qgs
P-Ch
0.68
0.68
N-Ch
0.90
0.90
Gate-Drain Charge
Qgd
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 3.4 A
P-Channel
VDS = −10 V, VGS = −4.5 V, ID = −2.5 A
P-Ch
0.90
0.90
Nc
N-Ch
29
30
Turn-On Delay Time
td(on)
P-Ch
45
28
N-Ch
52
52
Rise Time
tr
P-Ch
53
55
N-Ch
27
25
Turn-Off Delay Time
td(off)
P-Ch
69
55
N-Ch
27
20
Fall Time
tf
N-Channel
VDD =10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, RG = 6 Ω
P-Channel
VDD = −10 V, RL = 10 Ω
ID ≅ −1 A, VGEN = −4.5 V, RG = 6 Ω
P-Ch
11
32
Ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72435
S-50836
Rev. B, 16-May-05


Número de pieza similar - SI3586DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3586DV VISHAY-SI3586DV Datasheet
121Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. C, 20-Mar-06
SI3586DV VISHAY-SI3586DV Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
SI3586DV VISHAY-SI3586DV Datasheet
117Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI3586DV-T1-E3 VISHAY-SI3586DV-T1-E3 Datasheet
121Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. C, 20-Mar-06
SI3586DV-T1-E3 VISHAY-SI3586DV-T1-E3 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
More results

Descripción similar - SI3586DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com