Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF994S Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BF994S
Descripción Electrónicos  N-channel dual-gate MOS-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF994S Datasheet(HTML) 3 Page - NXP Semiconductors

  BF994S Datasheet HTML 1Page - NXP Semiconductors BF994S Datasheet HTML 2Page - NXP Semiconductors BF994S Datasheet HTML 3Page - NXP Semiconductors BF994S Datasheet HTML 4Page - NXP Semiconductors BF994S Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
July 1993
3
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF994S
LIMITING VALUES
In according with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
20
V
ID
drain current (DC)
30
mA
ID(AV)
average drain current
30
mA
IG1-S
gate 1-source current
−±10
mA
IG2-S
gate 2-source current
−±10
mA
Ptot
total power dissipation
up to Tamb =60 °C; note 1
200
mW
Tstg
storage temperature range
−65
+150
°C
Tj
junction temperature
150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
200
0
100
200
MGE792
100
Tamb (°C)
Ptot
(mW)
THERMAL CHARACTERISTICS
Note to the Limiting values and the Thermal characteristics
1. Device mounted on a ceramic substrate of 8
× 10 × 0.7 mm.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
460
K/W


Número de pieza similar - BF994S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
logo
Siemens Semiconductor G...
BF994S SIEMENS-BF994S Datasheet
118Kb / 7P
   Silicon N Channel MOSFET Tetrode (For VHF applications, especially for input and mixer stages with a wide tuning range, e.g. in CATV tuners)
logo
NXP Semiconductors
BF994S NXP-BF994S Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF994S JMNIC-BF994S Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
Vishay Siliconix
BF994SA VISHAY-BF994SA Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
More results

Descripción similar - BF994S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com