Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27222MX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM27222MX
Descripción Electrónicos  High-Speed 4.5A Synchronous MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27222MX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM27222MX Datasheet HTML 1Page - National Semiconductor (TI) LM27222MX Datasheet HTML 2Page - National Semiconductor (TI) LM27222MX Datasheet HTML 3Page - National Semiconductor (TI) LM27222MX Datasheet HTML 4Page - National Semiconductor (TI) LM27222MX Datasheet HTML 5Page - National Semiconductor (TI) LM27222MX Datasheet HTML 6Page - National Semiconductor (TI) LM27222MX Datasheet HTML 7Page - National Semiconductor (TI) LM27222MX Datasheet HTML 8Page - National Semiconductor (TI) LM27222MX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC to GND
-0.3V to 7V
CB to GND
-0.3V to 36V
CB to SW
-0.3V to 7V
SW to GND (Note 2)
-2V to 36V
LEN, IN, LG to GND
-0.3V to V
CC + 0.3V
≤ 7V
HG to GND
-0.3V to 36V
Junction Temperature
+150˚C
Power Dissipation (Note 3)
720mW
Storage Temperature
−65˚ to 150˚C
ESD Susceptibility
Human Body Model
2kV
Operating Ratings (Note 1)
VCC
4V to 6.85V
Junction Temperature Range
−40˚ to 125˚C
CB (max)
33V
Electrical Characteristics (Note 4)
VCC = CB = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for T
A =TJ =
+25˚C. Limits appearing in boldface type apply over the entire operating temperature range (-40˚C
≤ T
J
≤ 125˚C).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
I
q_op
Operating Quiescent Current
IN = 0V, LEN = 0V
5
15
µA
30
IN = 0V, LEN = 5V
500
540
650
µA
825
HIGH-SIDE DRIVER
Peak Pull-up Current
3
A
R
H-pu
Pull-up Rds_on
I
CB =IHG = 0.3A
0.9
2.5
Peak Pull-down Current
4.5
A
R
H-pd
Pull-down Rds_on
I
SW =IHG = 0.3A
0.4
1.5
t
4
Rise Time
Timing Diagram, C
LOAD = 3.3nF
17
ns
t
6
Fall Time
Timing Diagram, C
LOAD = 3.3nF
12
ns
t
3
Pull-up Dead Time
Timing Diagram
9.5
ns
t
5
Pull-down Delay
Timing Diagram
16.5
ns
t
on_min
Minimum Positive Output
Pulse Width
30
ns
LOW-SIDE DRIVER
Peak Pull-up Current
3.2
A
R
L-pu
Pull-up Rds_on
I
VCC =ILG = 0.3A
0.9
2.5
Peak Pull-down Current
4.5
A
R
L-pd
Pull-down Rds_on
I
GND =ILG = 0.3A
0.4
1.5
t
8
Rise Time
Timing Diagram, C
LOAD = 3.3nF
17
ns
t
2
Fall Time
Timing Diagram, C
LOAD = 3.3nF
14
ns
t
7
Pull-up Dead Time
Timing Diagram
11.5
ns
t
1
Pull-down Delay
Timing Diagram
7.7
ns
PULL-DOWN RESISTANCES
HG-SW Pull-down Resistance
10k
LG-GND Pull-down
Resistance
10k
LEN-GND Pull-down
Resistance
150K
IN-GND Pull-down Resistance
150K
LEAKAGE CURRENTS
I
leak_IN
IN pin Leakage Current
IN = 0V, Source Current
50
nA
IN = 5V, Sink Current
33
µA
www.national.com
4


Número de pieza similar - LM27222MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27222MX/NOPB TI-LM27222MX/NOPB Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

Descripción similar - LM27222MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27222 TI-LM27222_15 Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com