Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72F361J7T6 Datasheet(PDF) 11 Page - STMicroelectronics |
|
ST72F361J7T6 Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 224 page ST72361 11/224 Notes: 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. Input mode can be used for general purpose I/O, output mode cannot be used. 3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscillator; see Section 1 and Section 12.5 "CLOCK AND TIMING CHARACTERISTICS" for more details. 4. On the chip, each I/O port has eight pads. Pads that are not bonded to external pins are in input pull-up configuration after reset. The configuration of these pads must be kept at reset state to avoid added current consumption. 54 36 26 PD4 / SCI2_RDI I/O CT X ei3 X X Port D4 LINSCI2 Receive Data in- put 55 37 27 VSSA S Analog Ground Voltage 56 38 28 VSS_0 S Digital Ground Voltage 57 39 29 VDDA I Analog Reference Voltage for ADC 58 40 30 VDD_0 S Digital Main Supply Voltage 59 41 31 PD5 / SCI2_TDO I/O CT X X X X Port D5 LINSCI2 Transmit Data output 60 42 32 RESET I/O CT Top priority non maskable interrupt. 61 43 - PD6 / AIN10 I/O CT X ei3 X X X Port D6 ADC Analog Input 10 62 44 - PD7 / AIN11 I/O CT X ei3 X X X Port D7 ADC Analog Input 11 63 - - PF6 I/O TT X X X X Port F6 64 - - PF7 I/O TT X X X X Port F7 Pin n° Pin Name Level Port Main function (after reset) Alternate function Input Output |
Número de pieza similar - ST72F361J7T6 |
|
Descripción similar - ST72F361J7T6 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |