Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA24J758107DQ Datasheet(PDF) 1 Page - ITT Industries

No. de pieza CA24J758107DQ
Descripción Electrónicos  Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

CA24J758107DQ Datasheet(HTML) 1 Page - ITT Industries

  CA24J758107DQ Datasheet HTML 1Page - ITT Industries CA24J758107DQ Datasheet HTML 2Page - ITT Industries CA24J758107DQ Datasheet HTML 3Page - ITT Industries CA24J758107DQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H-110
H
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Models Available
Specifications
CONTACT RATING: 15 AMPS @ 125 V AC; 10 AMPS
@ 250 V AC; 1/4 HP @ 125 V AC or 250 V AC
.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
LAMP LIFE: 25,000 hours typ.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
C&K CA Series
Illuminated Power Rocker Switches
Features/Benefits
15 AMPS @ 125 V AC
Illuminated actuator
Various actuator styles
Typical Applications
Power outlet strips
Appliances
Handling and packaging machines
RoHS compliant
Materials
HOUSING: 6/6 nylon (UL 94V-2), black.
ACTUATOR: Polycarbonate (UL 94V-2), red.
CONTACTS: Coin silver, silver plated.
OPERATING TEMPERATURE: -30ºC to +85ºC
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages H–110 through H–113. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
CA04 SPST, On-Off
CA24 DPST, On-Off
Actuator
J1 Rocker
J7 Curved rocker
Actuator Color
3 Red translucent
5 Yellow translucent
6 Green translucent
Lamp Voltage
7 125 V neon
8 250 V neon
Housing Color
2 Black
1 White
Contact Material
Q Silver
Terminations
07 Quick connect
Actuator Markings
NONE No markings
D ON-OFF
H O |
P O –


Número de pieza similar - CA24J758107DQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
CA24 MACOM-CA24 Datasheet
359Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
CA24 MA-COM-CA24 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
CA24 MA-COM-CA24 Datasheet
640Kb / 3P
   Cascadable Amplifier
logo
C&K Components
CA24-J1371-07-DQ CK-COMPONENTS-CA24-J1371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA24-J1371-07-HQ CK-COMPONENTS-CA24-J1371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

Descripción similar - CA24J758107DQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com