Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD2D-DC5V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

No. de pieza SD2D-DC5V
Descripción Electrónicos  POLARISED, MONOSTABLE SAFETY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NAIS [Nais(Matsushita Electric Works)]
Página de inicio  
Logo NAIS - Nais(Matsushita Electric Works)

SD2D-DC5V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  SD2D-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SD2D-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SD2D-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SD2D-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SD2D-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6
REFERENCE DATA
1. Operate/release time (without diode)
Tested sample: SF2D-DC24V
Quantity: n = 20
2. Temperature rise
Tested sample: SF4D-DC24V
Quantity: n = 6
Coil applied voltage: 100%V, 120%V
Contact carry current: 6A
3. Ambient temperature characteristics
Tested sample: SF4D-DC12V
Quantity: n = 6
10
20
30
0
40
50
80
70
100
90
120
130
110
Coil applied voltage, %V
Operate time
Release time
Min.
Max.
x
Min.
Max.
x
5
10
15
0
20
25
30
120
100
110
Coil applied voltage, %V
Inside the coil
Contact
-40 -20
0
20 40
60
80
-50
100
50
-100
Drop-out voltage
Pick-up voltage
Ambient
temperature,
°C


Número de pieza similar - SD2D-DC5V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Carlo Gavazzi Holding A...
SD2DUG24 CARLOGAVAZZI-SD2DUG24 Datasheet
571Kb / 6P
   Dupline® bus generator
06/09/2018
More results

Descripción similar - SD2D-DC5V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nais(Matsushita Electri...
SF2 NAIS-SF2 Datasheet
338Kb / 7P
   POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com