Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR130BUJZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADR130BUJZ-REEL7
Descripción Electrónicos  Precision Series Sub-Band Gap Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR130BUJZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR130BUJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 13Page - Analog Devices ADR130BUJZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADR130
Rev. 0 | Page 10 of 16
VIN = 1V/DIV
VOUT = 20mV/DIV
TIME (100µs/DIV)
CIN = COUT = 0.1µF
Figure 26. Line Transient Response, VOUT = 0.5 V
VLOAD = 0.5V/DIV
CIN = COUT = 0.1µF
RLOAD = 125Ω
TIME (40µs/DIV)
VOUT = 20mV/DIV
ILOAD = 0mA
ILOAD = 4mA
Figure 27. Load Transient Response (Source), VOUT = 0.5 V
VLOAD = 200mV/DIV
CIN = COUT = 0.1µF
RLOAD = 125Ω
VOUT = 100mV/DIV
ILOAD = 2mA
ILOAD = 0mA
TIME (40µs/DIV)
Figure 28. Load Transient Response (Sink), VOUT = 0.5 V
VIN = 1V/DIV
CIN = COUT = 0.1µF
VOUT = 20mV/DIV
TIME (100µs/DIV)
Figure 29. Line Transient Response, VOUT = 1 V
VLOAD = 1V/DIV
CIN = COUT = 0.1µF
RLOAD = 250Ω
VOUT = 20mV/DIV
ILOAD = 0mA
ILOAD = 4mA
TIME (40µs/DIV)
Figure 30. Load Transient Response (Source), VOUT = 1 V
VLOAD = 500mV/DIV
CIN = COUT = 0.1µF
RLOAD = 250Ω
VOUT = 100mV/DIV
ILOAD = 2mA
ILOAD = 0mA
TIME (40µs/DIV)
Figure 31. Load Transient Response (Sink), VOUT = 1 V


Número de pieza similar - ADR130BUJZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR130 AD-ADR130_15 Datasheet
621Kb / 16P
   Precision Series Sub-Band Gap Voltage Reference
Rev. C
More results

Descripción similar - ADR130BUJZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR130 AD-ADR130_15 Datasheet
621Kb / 16P
   Precision Series Sub-Band Gap Voltage Reference
Rev. C
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com