Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8222-EVAL Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD8222-EVAL
Descripción Electrónicos  Precision, Dual-Channel Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8222-EVAL Datasheet(HTML) 5 Page - Analog Devices

  AD8222-EVAL Datasheet HTML 1Page - Analog Devices AD8222-EVAL Datasheet HTML 2Page - Analog Devices AD8222-EVAL Datasheet HTML 3Page - Analog Devices AD8222-EVAL Datasheet HTML 4Page - Analog Devices AD8222-EVAL Datasheet HTML 5Page - Analog Devices AD8222-EVAL Datasheet HTML 6Page - Analog Devices AD8222-EVAL Datasheet HTML 7Page - Analog Devices AD8222-EVAL Datasheet HTML 8Page - Analog Devices AD8222-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8222
Rev. 0 | Page 5 of 24
VS = ±15 V, VREF = 0 V, TA = 25°C, RL = 2 kΩ, unless otherwise noted.
Table 3. Single-Ended Output Configuration—Dynamic Performance (Both Amplifiers)
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
1200
1200
kHz
G = 10
750
750
kHz
G = 100
140
140
kHz
G =1000
15
15
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
10
10
μs
G = 1000
80
80
μs
Settling Time 0.001%
10 V step
G = 1 to 100
13
13
μs
G = 1000
110
110
μs
Slew Rate
G = 1
1.5
2
1.5
2
V/μs
G = 5 to 1000
2
2.5
2
2.5
V/μs
Table 4. Differential Output Configuration1—Dynamic Performance
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
1000
1000
kHz
G = 10
650
650
kHz
G = 100
140
140
kHz
G =1000
15
15
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
15
15
μs
G = 1000
80
80
μs
Settling Time 0.001%
10 V step
G = 1 to 100
18
18
μs
G = 1000
110
110
μs
Slew Rate
G = 1
1.5
2
1.5
2
V/μs
G = 5 to 1000
2
2.5
2
2.5
V/μs
1 Refers to differential configuration shown in Figure 49.


Número de pieza similar - AD8222-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8222-EVALZ AD-AD8222-EVALZ Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD8222-EVALZ AD-AD8222-EVALZ Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
More results

Descripción similar - AD8222-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8222 AD-AD8222_16 Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
AD8222ACPZ-R7 AD-AD8222ACPZ-R7 Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD8222 AD-AD8222_15 Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com