Nombre de pieza
         Descripción
CSC460

 NPN SILICON PLANAR EPITAXIAL TRANSISTORS ( 3 Page)


CDIL
100% 
Zoom Out Zoom In
   
 3 page
background image
Notes
CSC460
TO-92
Plastic Package
CSC460 Rev280901
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as
to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and
on the CDIL Web Site/CD
are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies
or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any
CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for
use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete
Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do
so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-
2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119
email@cdil.com
www.cdil
semi.com
Continental Device India Limited
Data Sheet
Page 3 of 3
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CSA709PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS 1 2 3 Continental Device India Limited
2SD1226MMedium Power Amp. Epitaxial Planar NPN Silicon Transistors 1 2 3 Rohm
MPS6512NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 Micro Electronics
2SA1344PNP/ NPN EPITAXIAL PLANAR SILICON TRANSISTORS 1 2 3 4 5 Sanyo Semicon Device
CPH3221PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
2SA881Epitaxial Planar NPN Silicon Transistors 1 2 3 Rohm
2SA1347PNP/ NPN EPITAXIAL PLANAR SILICON TRANSISTORS 1 2 Sanyo Semicon Device
2SA1317PNP/NPN Epitaxial Planar Silicon Transistors 1 2 3 Sanyo Semicon Device
2SA1783PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS 1 2 3 4 Sanyo Semicon Device
CSA970CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 3 4 5 Continental Device India Limited