Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8137 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8137
Descripción Electrónicos  Low Cost, Low Power 12-Bit Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8137 Datasheet HTML 6Page - Analog Devices AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices AD8137 Datasheet HTML 9Page - Analog Devices AD8137 Datasheet HTML 10Page - Analog Devices AD8137 Datasheet HTML 11Page - Analog Devices AD8137 Datasheet HTML 12Page - Analog Devices AD8137 Datasheet HTML 13Page - Analog Devices AD8137 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8137
Rev. A | Page 10 of 24
FREQUENCY (MHz)
4
3
2
1
–3
–2
–1
0
–7
–6
–5
–4
–11
–10
–9
–8
1
10
100
1000
G= 1
VS = ±5V
VO, dm = 0.1V p-p
RF = 500Ω
RF = 2kΩ
RF = 1kΩ
Figure 19. Small Signal Frequency Response for Various RF
FREQUENCY (MHz)
–65
–70
–80
–75
–85
–90
–95
–100
–105
0.1
1
10
VS = ±5V
VS = +5V
VS = +3V
G = 1
VO, dm = 2V p-p
Figure 20. Second Harmonic Distortion vs. Frequency and Supply Voltage
VO, dm (V p-p)
–50
–60
–65
–70
–55
–75
–80
–85
–90
–95
–100
0.25
1.25
2.25
3.25
4.25
5.25
7.25
8.25
6.25
9.25
FC = 500kHz
SECOND HARMONIC SOLID LINE
THIRD HARMONIC DASHED LINE
VS = +5V
VS = +5V
VS = +3V
VS = +3V
Figure 21. Harmonic Distortion vs. Output Amplitude and Supply, FC = 500 kHz
FREQUENCY (MHz)
4
3
2
1
–3
–2
–1
0
–7
–6
–5
–4
–11
–10
–9
–8
1
10
100
1000
G = 1
VO, dm = 2V p-p
RF = 500Ω
RF = 2kΩ
RF = 1kΩ
Figure 22. Large Signal Frequency Response for Various RF
FREQUENCY (MHz)
–40
–70
–60
–50
–80
–90
–100
–110
0.1
1
10
VS = ±5V
VS = +5V
VS = +3V
G = 1
VO, dm = 2V p-p
Figure 23. Third Harmonic Distortion vs. Frequency and Supply Voltage
VO, dm (V p-p)
–50
–60
–65
–70
–55
–75
–80
–85
–90
–95
–100
0.25
1.25
2.25
3.25
4.25
5.25
7.25
8.25
6.25
9.25
VS = +5V
VS = +5V
VS = +3V
VS = +3V
FC = 2MHz
SECOND HARMONIC SOLID LINE
THIRD HARMONIC DASHED LINE
Figure 24. Harmonic Distortion vs. Output Amplitude and Supply, FC = 2 MHz


Número de pieza similar - AD8137

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
331Kb / 8P
   Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
AD8137 AD-AD8137 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
More results

Descripción similar - AD8137

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com