Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV320DB90WMD Datasheet(PDF) 3 Page - SPANSION

No. de pieza AM29LV320DB90WMD
Descripción Electrónicos  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320DB90WMD Datasheet(HTML) 3 Page - SPANSION

  AM29LV320DB90WMD Datasheet HTML 1Page - SPANSION AM29LV320DB90WMD Datasheet HTML 2Page - SPANSION AM29LV320DB90WMD Datasheet HTML 3Page - SPANSION AM29LV320DB90WMD Datasheet HTML 4Page - SPANSION AM29LV320DB90WMD Datasheet HTML 5Page - SPANSION AM29LV320DB90WMD Datasheet HTML 6Page - SPANSION AM29LV320DB90WMD Datasheet HTML 7Page - SPANSION AM29LV320DB90WMD Datasheet HTML 8Page - SPANSION AM29LV320DB90WMD Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Publication# 23579
Rev: C Amendment/+6
Issue Date: November 15, 2004
Am29LV320D
32 Megabit (4 M x 8-Bit/2 M x 16-Bit)
CMOS 3.0 Volt-only, Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
Secured Silicon (SecSiTM Sector)
— 64 Kbyte Sector Size; Replacement/substitute
devices (such as Mirrorbit
) have 256 bytes.
— Factory locked and identifiable: 16 bytes (8
words) available for secure, random factory
Electronic Serial Number; verifiable as factory
locked through autoselect function.
ExpressFlash option allows entire sector to be
available for factory-secured data
— Customer lockable: Can be programmed once
and then permanently locked after being
shipped from AMD
Zero Power Operation
— Sophisticated power management circuits
reduce power consumed during inactive
periods to nearly zero.
Package options
—48-pin TSOP
— 48-ball FBGA
Sector Architecture
— Eight 8 Kbyte sectors
— Sixty-three 64 Kbyte sectors
Top or bottom boot block
Manufactured on 0.23 µm process
technology
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
High performance
— Access time as fast 90 ns
— Program time: 7µs/word typical utilizing
Accelerate function
Ultra low power consumption (typical
values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
Minimum 1 million erase cycles guaranteed
per sector
20 Year data retention at 125°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
Supports Common Flash Memory Interface
(CFI)
Erase Suspend/Erase Resume
— Suspends erase operations to allow
programming in non-suspended sectors
Data# Polling and Toggle Bits
— Provides a software method of detecting the
status of program or erase cycles
Unlock Bypass Program command
— Reduces overall programming time when
issuing multiple program command sequences
HARDWARE FEATURES
Any combination of sectors can be erased
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or
erase cycle completion
Hardware reset pin (RESET#)
— Hardware method of resetting the internal
state machine to the read mode
WP#/ACC input pin
— Write protect (WP#) function allows protection
of two outermost boot sectors, regardless of
sector protect status
— Acceleration (ACC) function provides
accelerated program times
Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment,
to prevent any program or erase operation
within that sector
— Temporary Sector Unprotect allows changing
data in protected sectors in-system


Número de pieza similar - AM29LV320DB90WMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV320DB90WMD AMD-AM29LV320DB90WMD Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Descripción similar - AM29LV320DB90WMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116D AMD-AM29LV116D_06 Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116B AMD-AM29LV116B Datasheet
544Kb / 40P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com