Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA20COM-IN16-1SW-B-DN Datasheet(PDF) 7 Page - ITT Industries

No. de pieza CA20COM-IN16-1SW-B-DN
Descripción Electrónicos  Industrial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

CA20COM-IN16-1SW-B-DN Datasheet(HTML) 7 Page - ITT Industries

Back Button CA20COM-IN16-1SW-B-DN Datasheet HTML 3Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 4Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 5Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 6Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 7Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 8Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 9Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 10Page - ITT Industries CA20COM-IN16-1SW-B-DN Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
CA-COM
Contact Arrangements
No. of
Contact
Service
Insulator position
Insulator weight (g)
contacts
arrangement
rating
W
X
Y
Z
including contacts
Contact size
metric
pin
socket
10
18-1
A
70
145
-
290
24
37
15
(B, C, F, G)
8
18-8
A
70
-
-
290
18
30
115
725
4
18-10
A
-
120
240
-
13
22
25
5
18-11
A
-
170
265
-
31
40
25
6
18-12
A
80
-
-
280
15
25
15
7
20-15
A
80
-.
-
280
27
46
25
6
20-17
A
90
180
270
-
20
33
115
525
3
20-19
A
90
180
270
-
33
46
100
14
20-27
A
35
110
250
325
26
42
15
#1171_CA-COM_englisch_250900
18.10.2000, 8:20 Uhr
7


Número de pieza similar - CA20COM-IN16-1SW-B-DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
CA20 XPPOWER-CA20 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA20-T XPPOWER-CA20-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Extech Instruments Corp...
CA200 EXTECH-CA200 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
CA200 EXTECH-CA200_15 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
logo
Fuji Electric
CA201 FUJI-CA201 Datasheet
8Kb / 1P
   FAST RECOVERY DIODE
More results

Descripción similar - CA20COM-IN16-1SW-B-DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
ITT Industries
CA06COME20-27PB ITT-CA06COME20-27PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Omron Electronics LLC
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com