Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8214 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8214
Descripción Electrónicos  High Voltage Threshold Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8214 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8214 Datasheet HTML 4Page - Analog Devices AD8214 Datasheet HTML 5Page - Analog Devices AD8214 Datasheet HTML 6Page - Analog Devices AD8214 Datasheet HTML 7Page - Analog Devices AD8214 Datasheet HTML 8Page - Analog Devices AD8214 Datasheet HTML 9Page - Analog Devices AD8214 Datasheet HTML 10Page - Analog Devices AD8214 Datasheet HTML 11Page - Analog Devices AD8214 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8214
Rev. 0 | Page 8 of 16
50
70
90
110
OVERDRIVE VOLTAGE (mV)
5
152535455565758595
ROUT = 3.3kΩ
ROUT = 5kΩ
Figure 16. Rise Time vs. Overdrive Voltage
(+IN > –IN by Specified VOD)
100ns/DIV
VOD = 15mV
VOD = 5mV
OUT
2V/DIV
–IN
10mV/DIV
+IN
Figure 17. Typical Propagation Delay (ROUT = 5 kΩ)
100ns/DIV
VOD = 20mV
OUT
2V/DIV
–IN
10mV/DIV
+IN
VOD = 10mV
Figure 18. Typical Propagation Delay (ROUT = 5 kΩ)
100ns/DIV
VOD = 50mV
VOD = 30mV
OUT
2V/DIV
–IN
30mV/DIV
+IN
Figure 19. Typical Propagation Delay (ROUT = 5 kΩ)
100ns/DIV
VOD = 100mV
VOD = 100mV
OUT
2V/DIV
–IN 50mV/DIV
+IN
Figure 20. Typical Propagation Delay (ROUT = 5 kΩ)
50
70
90
110
130
150
170
190
OVERDRIVE VOLTAGE (mV)
15
25
35
45
55
65
75
85
95
ROUT = 3.3kΩ
ROUT = 5kΩ
Figure 21. Propagation Delay vs. Overdrive Voltage
(–IN > +IN by Specified VOD, Output High to Low)


Número de pieza similar - AD8214

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8214 AD-AD8214 Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214ARMZ AD-AD8214ARMZ Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214ARMZ-R7 AD-AD8214ARMZ-R7 Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214ARMZ-RL AD-AD8214ARMZ-RL Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
AD8214WYRMZ AD-AD8214WYRMZ Datasheet
247Kb / 16P
   Fast Response, High Voltage Current Shunt Comparator
More results

Descripción similar - AD8214

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DAICO Industries, Inc.
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
   Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
   THRESHOLD DETECTOR
logo
DAICO Industries, Inc.
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
   Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
   Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
   Threshold Detector
logo
API Technologies Corp
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
   THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
   THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com