Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1405 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza SD1405
Descripción Electrónicos  HF to 2000 MHz Class AB Common Source - PowerSO-10RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SD1405 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SD1405 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD1405 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD1405 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD1405 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD1405 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LDMOS in plastic packages
VHF / UHF radio and digital cellular BTS applications
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
* In development
Available in straight lead version by adding suffix S
VHF / UHF radio applications
HF to 2000MHz class AB common source - PowerFLAT
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VDD
[V]
Class
Eff. (Typ)
[%]
Package
PowerSO-10RF
formed leads
PowerSO-10RF
straight leads
PowerFLAT (5x5)
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VDD
[V]
Class
Eff. (Typ)
[%]
Package
PD54003
500
3
12
7.5
AB
55
PowerSO-10RF
PD54008
500
8
11.5
7.5
AB
55
PowerSO-10RF
PD55003
500
3
16
12.5
AB
52
PowerSO-10RF
PD55008
500
8
17
12.5
AB
55
PowerSO-10RF
PD55015
500
15
14
12.5
AB
55
PowerSO-10RF
PD85015*
900
15
16
12.5
AB
60
PowerSO-10RF
PD55025S
500
25
14.5
12.5
AB
58
PowerSO-10RF
PD85025*
900
25
16
12.5
AB
60
PowerSO-10RF
PD55035S
500
35
16.9
12.5
AB
62
PowerSO-10RF
PD57002
960
2
15
28
AB
55
PowerSO-10RF
PD57006
945
6
15
28
AB
50
PowerSO-10RF
PD57018
945
18
16.5
28
AB
53
PowerSO-10RF
PD57030S
945
30
15
28
AB
60
PowerSO-10RF
PD57045S
945
45
14.5
28
AB
52
PowerSO-10RF
PD57060S
945
60
14.3
28
AB
54
PowerSO-10RF
PD57070S
945
70
14.7
28
AB
50
PowerSO-10RF
•Available in straight lead version by adding S suffix
* In development
PD84001*
900
1
15
7.5
AB
60
SOT89
PD54003L
500
3
12
7.5
AB
55
PowerFLAT (5x5)
PD54008L
500
8
11.5
7.5
AB
55
PowerFLAT (5x5)
PD84006L*
900
7
15
7.5
AB
60
PowerFLAT (5x5)
PD55003L
500
3
16
12.5
AB
52
PowerFLAT (5x5)
PD85006L*
900
6
16
12.5
AB
60
PowerFLAT (5x5)
PD55008L
500
8
17
12.5
AB
55
PowerFLAT (5x5)
* In development


Número de pieza similar - SD1405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD1405 STMICROELECTRONICS-SD1405 Datasheet
54Kb / 4P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results

Descripción similar - SD1405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
FLL600IQ-2 FUJITSU-FLL600IQ-2 Datasheet
100Kb / 4P
   Push-Pull Configuration, Broad Frequency Range: 800 to 2000 MHz, Suitable for class AB operation
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
eleflow technologies co...
2SC1969 ELEFLOW-2SC1969 Datasheet
310Kb / 3P
   10 to 14 watts output power class AB ampliflers applications in HF band.
2SC1945 ELEFLOW-2SC1945 Datasheet
332Kb / 4P
   10 to 14 watts output power class AB amplifiers applications in HF band.
logo
STMicroelectronics
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
   2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
   915-960 MHz Class AB 130W Power Amplifier
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com