Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7762BSVZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7762BSVZ
Descripción Electrónicos  625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7762BSVZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7762BSVZ Datasheet HTML 4Page - Analog Devices AD7762BSVZ Datasheet HTML 5Page - Analog Devices AD7762BSVZ Datasheet HTML 6Page - Analog Devices AD7762BSVZ Datasheet HTML 7Page - Analog Devices AD7762BSVZ Datasheet HTML 8Page - Analog Devices AD7762BSVZ Datasheet HTML 9Page - Analog Devices AD7762BSVZ Datasheet HTML 10Page - Analog Devices AD7762BSVZ Datasheet HTML 11Page - Analog Devices AD7762BSVZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7762
Rev. 0 | Page 8 of 28
Pin No.
Mnemonic
Description
30
DECAPB
Decoupling Pin. A 33 pF capacitor must be inserted between this pin and AGND3.
17
RBIAS
Bias Current Setting Pin. A resistor must be inserted between this pin and AGND1. For more details, see
the Bias Resistor Selection section.
45 to 52,
54 to 61
DB15 to DB8
DB7 to DB0
16-Bit Bidirectional Data Bus. These are three-state pins that are controlled by the CS pin and the RD/WR
pin. The operating voltage for these pins is determined by the VDRIVE voltage. See the AD7762 Interface
section for more details.
37
RESET
A falling edge on this pin resets all internal digital circuitry and powers down the part. Holding this pin
low keeps the AD7762 in a reset state.
3
MCLK
Master Clock Input. A low jitter digital clock must be applied to this pin. The output data rate depends
on the frequency of this clock. See the section Clocking the AD7762 for more details.
2
MCLKGND
Master Clock Ground Sensing Pin.
36
SYNC
Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to
synchronize multiple devices in a system.
39
RD/WR
Read/Write Input. This pin, in conjunction with the chip select pin, is used to read and write data to and
from the AD7762. If this pin is low when CS is low, a read takes place. If this pin is high and CS is low, a
write occurs. See the AD7762 Interface section for more details.
38
DRDY
Data Ready Output. Each time that new conversion data is available, an active low pulse, ½ ICLK period
wide, is produced on this pin. See the AD7762 Interface section for more details.
40
CS
Chip Select Input. Used in conjunction with the RD/WR pin to read and write data to and from the
AD7762. See the AD7762 Interface section for more details.


Número de pieza similar - AD7762BSVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7762BSVZ AD-AD7762BSVZ Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
AD7762BSVZ-REEL AD-AD7762BSVZ-REEL Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
More results

Descripción similar - AD7762BSVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7760 AD-AD7760_15 Datasheet
958Kb / 37P
   2.5 MSPS, 24-Bit, 100 dB Sigma-Delta ADC with On-Chip Buffer
REV. A
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com