Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7356BRUZ-RL Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD7356BRUZ-RL
Descripción Electrónicos  Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7356BRUZ-RL Datasheet(HTML) 3 Page - Analog Devices

  AD7356BRUZ-RL Datasheet HTML 1Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 2Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 3Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 4Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 5Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 6Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 7Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 8Page - Analog Devices AD7356BRUZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary Technical Data
AD7356
Rev. PrC | Page 3 of 18
SPECIFICATIONS
AD7356 SPECIFICATIONS
VDD = 2.5 V, VDRIVE = 2.5 V to 3.3 V, internal VREF = 2.048 V, unless otherwise noted, FCLKIN = 80 MHz, FSAMPLE = 5 MSPS; TA = TMIN to
TMAX1, unless otherwise noted.
Table 1.
Parameter
Specification
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 2.5 MHz sine wave
Signal-to-Noise Ratio (SNR)
70
dB min
Signal-to-Noise and Distortion (SINAD)
69
dB min
Total Harmonic Distortion (THD)
−74
dB max
Spurious Free Dynamic Range (SFDR)
TBD
dB max
Intermodulation Distortion (IMD)
fa = TBD Hz, fb = TBD Hz
Second Order Terms
TBD
dB typ
Third Order Terms
TBD
dB typ
Channel-to-Channel Isolation
−85
dB typ
fIN = TBD kHz, fNOISE = TBD kHz
SAMPLE AND HOLD
Aperture Delay
5
ns max
Aperture Delay Matching
200
ps max
Aperture Jitter
20
ps typ
Full Power Bandwidth
200
MHz typ
@ 3 dB
30
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity
±1
LSB max
Differential Nonlinearity
±0.99
LSB max
Guaranteed no missed codes to 12 bits
Offset Error
±3
LSB max
Offset Error Match
±1
LSB typ
±6
LSB max
Gain Error
±3
LSB max
Gain Error Match
±1
LSB typ
±6
LSB max
ANALOG INPUT
Fully Differential Input Range: Vin+ and Vin−
VCM ± VREF⁄2
V
VCM = common-mode voltage , Vin+ and Vin− must
remain within GND⁄VDD
DC Leakage Current
±1
µA max
Input Capacitance
35
pF typ
When in track
10
pF typ
When in hold
REFERENCE INPUT/OUTPUT
VREF Input Voltage Range
2.048+100mV / Vdd
V min / V max
DC Leakage Current
±1
µA max
VREF Output Voltage
2.048
V
±0.5% max @ 25°C
VREF Temperature Coefficient
10
ppm⁄°C typ
VREF Long Term Stability
100
ppm typ
For 1000 hours
VREF Output Voltage Hysteresis2
50
ppm typ
VREF Noise
TBD
µV Typ
VREF Output Impedance
TBD
Ω Typ
VREF Input Capacitance
TBD
pF typ
When in track
LOGIC INPUTS
Input High Voltage, VINH
0.6 × Vdrive
V min
Input Low Voltage, VINL
0.3 × Vdrive
V max
Input Current, IIN
±1
µA max
VIN = 0 V or VDRIVE
Input Capacitance, CIN
10
pF typ


Número de pieza similar - AD7356BRUZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7356BRUZ-RL AD-AD7356BRUZ-RL Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ-RL AD-AD7356BRUZ-RL Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
More results

Descripción similar - AD7356BRUZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com