Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD12-0512T5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FDD12-0512T5
Descripción Electrónicos  DC-DC CONVERTER 12W TRIPLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FDD12-0512T5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDD12-0512T5 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD12-0512T5 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD12-0512T5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTER
FDD12 SERIES
12W TRIPLE OUTPUT
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
FDD12 – 0512 T 4
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Single Output Models
FDD12 – 0512T4
10~36 VDC
12 WATTS
+5/±12VDC
1.5A/±0.2A
80%
FD
FDD12 – 0515T4
10~36 VDC
12 WATTS
+5/±15VDC
1.5A/±0.16A
80%
FD
FDD12 – 0512T5
18~72 VDC
12 WATTS
+5/±12VDC
1.5A/±0.2A
80%
FD
FDD12 – 0515T5
18~72 VDC
12 WATTS
+5/±15VDC
1.5A/±0.16A
80%
FD
FEATURES
* LOW COST
* 4:1 WIDE INPUT RANGE
* I/O ISOLATION
* LC INPUT FILTER
* SHORT CIRCUIT PROTECTION
* HIGH PERFORMANCE
* 2 YEARS WARRANTY
DESCRIPTION
THE FDD12 SERIES ARE 12 WATTS TRIPLE OUTPUT DC/DC CONVERTERS. 4:1 WIDE INPUT RANGE WITH
I/O ISOLATION AND SHORT CIRCUIT PROTECTION FEATURES MAKE IT SUITABLE USED ON VARIABLE
APPLICATIONS AT LOW COST. ALL FDD12 MODELS CONTAIN LC INPUT FILTER TO MINIMIZE REFLECTED
RIPPLE & NOISE. ALL MODELS ARE PACKAGED IN L x W x H = 2" x 2" x 0.47" BLACK COATED METAL
CASE PIN CONFIGURATION, AND PCB MOUNTABLE DIRECTLY.
0512 : +5V&±12V OUT
0515 : +5V&±15V OUT
WATTAGE
T : TRIPLE OUTPUT
4: 10~36V IN
5: 18~72V IN


Número de pieza similar - FDD12-0512T5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FDD12-05D4 ETC-FDD12-05D4 Datasheet
146Kb / 3P
   DC-DC CONVERTER
logo
Chinfa Electronics Ind....
FDD12-05D4 CHINFA-FDD12-05D4 Datasheet
294Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
logo
List of Unclassifed Man...
FDD12-05D5 ETC-FDD12-05D5 Datasheet
146Kb / 3P
   DC-DC CONVERTER
logo
Chinfa Electronics Ind....
FDD12-05D5 CHINFA-FDD12-05D5 Datasheet
346Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
FDD12-05D5 CHINFA-FDD12-05D5 Datasheet
294Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
More results

Descripción similar - FDD12-0512T5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
DCW12 MEANWELL-DCW12 Datasheet
161Kb / 1P
   12W DC-DC Regulated Dual Output Converter
SCW12 MEANWELL-SCW12 Datasheet
163Kb / 1P
   12W DC-DC Regulated Single Output Converter
DCW12 MEANWELL-DCW12_11 Datasheet
174Kb / 1P
   12W DC-DC Regulated Dual Output Converter
SCW12 MEANWELL-SCW12_11 Datasheet
165Kb / 1P
   12W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
FDD12 CHINFA-FDD12 Datasheet
346Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
FDD12 CHINFA-FDD12_14 Datasheet
294Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
   5W TRIPLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
JY240816D-30W MORNSUN-JY240816D-30W Datasheet
225Kb / 2P
   UNREGULATED,TRIPLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
   25W DC-DC Triple Output Converter
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
   25W DC-DC Triple Output Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com