Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC07S1NZGF Datasheet(PDF) 2 Page - ITT Industries |
|
MC07S1NZGF Datasheet(HTML) 2 Page - ITT Industries |
2 / 6 page L–13 L C&K M Series Half-inch Rotary Switches SWITCH FUNCTION L DP MODELS 36º INDEXING SCHEMATIC DP MODELS 30º INDEXING SCHEMATIC SP MODELS 36º INDEXING SCHEMATIC SP MODELS 30º INDEXING SCHEMATIC Terminal Numbers Marked On Side Of Housing Actuator Shown In Pos. 1 SP, 36º Indexing DP, 36º Indexing Terminal Numbers Marked On Side Of Housing Actuator Shown In Pos. 1 SP, 30º Indexing DP, 30º Indexing 6 Positions — MD06 6 Positions No Stops MH00 MD00 DP 12 Positions — MC12 7 Positions — MC07 3 Positions — MC03 12 Positions No Stops MG00 MC00 SP SWITCH FUNCTION MODEL NO. WITH STOP RINGS MODEL NO. WITH STOP PINS NO. POLES 30º INDEXING All models with all options when ordered with S1-SB stainless steel actuator options. NOTE: Number of positions or stops preset at factory (NOTE: MX00 models have full 360 rotation with no stops. Stop pins or stop rings supplied for user-selectable stops, see above). All terminals present regardless of number of switch positions. Hardware is available separately, see section “Technical Data and Additional Hardware”. Part number shown: MA00L1NZQD Part number shown: MC00L1NZQD Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com 5 Positions — MB05 4 Positions — MB04 MB03 5 Positions No Stops MF00 MB00 DP 10 Positions — MA10 6 Positions — MA06 5 Positions — MA05 4 Positions ME04 MA04 3 Positions — MA03 2 Positions — MA02 10 Positions No Stops ME00 MA00 SP SWITCH FUNCTION MODEL NO. WITH STOP RINGS MODEL NO. WITH STOP PINS NO. POLES 36º INDEXING 3 Positions |
Número de pieza similar - MC07S1NZGF |
|
Descripción similar - MC07S1NZGF |