Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BYR29X-600 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
BYR29X-600 Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 10 page Philips Semiconductors BYR29X-600 Rectifier diode ultrafast Product data Rev. 01 — 26 September 2003 3 of 10 9397 750 12006 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. Square current waveform Sinusoidal current waveform Fig 1. Maximum forward power dissipation (square current waveform) and maximum permissible heatsink temperature as a function of average forward current. Fig 2. Maximum forward power dissipation (sinusoidal current waveform) and maximum permissible heatsink temperature as a function of average forward current. Fig 3. Maximum permissible forward RMS current as a function of pulse width. 0 4 812 0 5 10 15 20 IF(AV) (A) PF Th(max) 150 122.5 95 40 67.5 Rs = 0.03 Ω Vo = 1.26 V (W) tp tp T P t T δ = δ = 1 δ = 0.5 δ = 0.2 δ = 0.1 ( °C) 003aaa467 0 24 68 0 5 10 15 IF(AV) (A) PF Th(max) 150 67.5 122.5 95 Vo = 1.26 V Rs = 0.03 Ω (W) a = 4 a = 2.8 a = 1.9 a = 1.57 ( °C) I FAV () I FRMS () δ × = a I FRMS () I FAV () ------------------- = 4 8 12 tp (s) IF(RMS) 10 6 (A) 10-1 10-2 10-3 10-4 10-5 003aaa469 |
Número de pieza similar - BYR29X-600 |
|
Descripción similar - BYR29X-600 |