Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC37M70X Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza FDC37M70X
Descripción Electrónicos  Enhanced Super I/O Controller with Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FDC37M70X Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FDC37M70X Datasheet HTML 2Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 3Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 4Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 5Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 6Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 7Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 8Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 9Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 194 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
PROCESSOR/HOST INTERFACE (36)
45:42,
40:37
System Data Bus
8
SD[0:7]
IO12
31:21
11-bit System Address Bus
11
SA[0:10]
I
20
Chip Select/SA11 (Note 1)
1
nCS/SA11
I
34
Address Enable
1
AEN
I
55
I/O Channel Ready
1
IOCHRDY
OD12
46
ISA Reset Drive
1
RESET_DRV
IS
33
Serial IRQ
1
SER_IRQ
IO12
32
PCI Clock for Serial IRQ (33MHz/30MHz)
1
PCI_CLK
ICLK
48
DMA Request 1
1
DRQ1
O12
50
DMA Request 2
1
DRQ2
O12
52
DMA Request 3/8042 P12
1
DRQ3/P12
O12/IO12
47
DMA Acknowledge 1
1
nDACK1
I
49
DMA Acknowledge 2
1
nDACK2
I
51
DMA Acknowledge 3/8042 P16
1
nDACK3/
P16
I/IO12
54
Terminal Count
1
TC
I
35
I/O Read
1
nIOR
I
36
I/O Write
1
nIOW
I
4
Power Management Event
1
nPME
OD24
6
8042 - P17 (Note 5)
1
P17
IO8
CLOCKS (1)
19
14.318MHz Clock Input
1
CLOCKI
ICLK
INFRARED INTERFACE (2)
61
Infrared Rx
1
IRRX
I
62
Infrared Tx (Note 4)
1
IRTX
O24PD
POWER PINS (8)
53,65,
93
Power
VCC
7,41,
60,76
Ground
VSS


Número de pieza similar - FDC37M70X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
More results

Descripción similar - FDC37M70X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com