Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC37M70X Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza FDC37M70X
Descripción Electrónicos  Enhanced Super I/O Controller with Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FDC37M70X Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FDC37M70X Datasheet HTML 4Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 5Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 6Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 7Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 8Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 9Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 10Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 11Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 194 page
background image
8
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
92
Ring Indicator 2/8042 P16
1
nRI2/P16
I/IO24
PARALLEL PORT INTERFACE (17)
75:68
Parallel Port Data Bus
8
PD[0:7]
IO24
66
Printer Select
1
nSLCTIN
OD24/O24
67
Initiate Output
1
nINIT
OD24/O24
83
Auto Line Feed
1
nALF
OD24/O24
82
Strobe Signal
1
nSTROBE
OD24/O24
81
Busy Signal
1
BUSY
I
77
Acknowledge Handshake
1
nACK
I
80
Paper End
1
PE
I
79
Printer Selected
1
SLCT
I
78
Error at Printer
1
nERROR
I
KEYBOARD/MOUSE INTERFACE (6)
59
Keyboard Data
1
KDAT
IOD16
58
Keyboard Clock
1
KCLK
IOD16
57
Mouse Data
1
MDAT
IOD16
56
Mouse Clock
1
MCLK
IOD16
64
Keyboard Reset
1
KBDRST
(Note 3)
O4
63
Gate A20
1
A20M
O4
Note 1:
For 12 bit addressing, SA0:SA11 only, nCS should be tied to GND. For 16 bit external
address qualification, address bits SA11:SA15 can be "ORed" together and applied to nCS.
The nCS pin functions as SA11 in full 16 bit Internal Address Qualification Mode. CR24.6
controls the FDC37M70x addressing modes.
Note 2:
The "n" as the first letter of a signal name indicates an "Active Low" signal.
Note 3:
KBDRST is active low.
Note 4:
The pull-down on this pin is always active including when the output driver is tristated and
regardless of the state of internal PWRGOOD.
Note 5:
Requires external pull-up resistor.


Número de pieza similar - FDC37M70X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
More results

Descripción similar - FDC37M70X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com