Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KA7806R Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
KA7806R Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 28 page KA78XX/KA78XXA 2 Absolute Maximum Ratings Electrical Characteristics (KA7805/KA7805R) (Refer to test circuit ,0°C < TJ < 125°C, IO = 500mA, VI =10V, CI= 0.33 µF, CO=0.1µF, unless otherwise specified) Note: 1. Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into account separately. Pulse testing with low duty is used. Parameter Symbol Value Unit Input Voltage (for VO = 5V to 18V) (for VO = 24V) VI VI 35 40 V V Thermal Resistance Junction-Cases (TO-220) R θJC 5 °C/W Thermal Resistance Junction-Air (TO-220) R θJA 65 °C/W Operating Temperature Range (KA78XX/A/R) TOPR 0 ~ +125 °C Storage Temperature Range TSTG -65 ~ +150 °C Parameter Symbol Conditions KA7805 Unit Min. Typ. Max. Output Voltage VO TJ =+25 oC 4.8 5.0 5.2 5.0mA ≤ Io ≤ 1.0A, PO ≤ 15W VI = 7V to 20V 4.75 5.0 5.25 V Line Regulation (Note1) Regline TJ=+25 oC VO = 7V to 25V - 4.0 100 mV VI = 8V to 12V - 1.6 50 Load Regulation (Note1) Regload TJ=+25 oC IO = 5.0mA to1.5A - 9 100 mV IO =250mA to 750mA - 4 50 Quiescent Current IQ TJ =+25 oC- 5.0 8.0 mA Quiescent Current Change ∆IQ IO = 5mA to 1.0A - 0.03 0.5 mA VI= 7V to 25V - 0.3 1.3 Output Voltage Drift ∆VO/∆TIO= 5mA - -0.8 - mV/ oC Output Noise Voltage VN f = 10Hz to 100KHz, TA=+25 oC- 42 - µV/VO Ripple Rejection RR f = 120Hz VO = 8V to 18V 62 73 - dB Dropout Voltage VDrop IO = 1A, TJ =+25 oC- 2 - V Output Resistance rO f = 1KHz - 15 - m Ω Short Circuit Current ISC VI = 35V, TA =+25 oC - 230 - mA Peak Current IPK TJ =+25 oC- 2.2 - A |
Número de pieza similar - KA7806R |
|
Descripción similar - KA7806R |