Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29BL802C90RZI Datasheet(PDF) 3 Page - SPANSION |
|
AM29BL802C90RZI Datasheet(HTML) 3 Page - SPANSION |
3 / 46 page DATA SHEET This Data Sheet states AMD’s current specifications regarding the Products described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications. Publication# 22371 Rev: C Amendment: 7 Issue Date: November 3, 2006 Am29BL802C 8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory DISTINCTIVE CHARACTERISTICS ■ 32 words sequential with wrap around (linear 32), bottom boot ■ One 8 Kword, two 4 Kword, one 48 Kword, three 64 Kword, and two 128 Kword sectors ■ Single power supply operation — Regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors ■ Read access times Burst access times as fast as 17 ns at industrial temperature range (18 ns at extended temperature range) Initial/random access times as fast as 65 ns ■ Alterable burst length via BAA# pin ■ Power dissipation (typical) — Burst Mode Read: 15 mA @ 25 MHz, 20 mA @ 33 MHz, 25 mA @ 40 MHz — Program/Erase: 20 mA — Standby mode, CMOS: 3 µA ■ 5 V-tolerant data, address, and control signals ■ Sector Protection — Implemented using in-system or via programming equipment — Temporary Sector Unprotect feature allows code changes in previously locked sectors ■ Unlock Bypass Program Command — Reduces overall programming time when issuing multiple program command sequences ■ Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies data at specified addresses ■ Minimum 100,000 erase cycle guarantee per sector ■ 20-year data retention ■ Compatibility with JEDEC standards — Pinout and software compatible with single- power supply Flash — Superior inadvertent write protection — Backward-compatible with AMD Am29LV and Am29F flash memories: powers up in asynchronous mode for system boot, but can immediately be placed into burst mode ■ Data# Polling and toggle bits — Provides a software method of detecting program or erase operation completion ■ Ready/Busy# pin (RY/BY#) — Provides a hardware method of detecting program or erase cycle completion ■ Erase Suspend/Erase Resume — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation ■ Hardware reset pin (RESET#) — Hardware method to reset the device for reading array data ■ Package Option — 56-pin SSOP |
Número de pieza similar - AM29BL802C90RZI |
|
Descripción similar - AM29BL802C90RZI |