Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29F800B-70FC Datasheet(PDF) 7 Page - Advanced Micro Devices |
|
AM29F800B-70FC Datasheet(HTML) 7 Page - Advanced Micro Devices |
7 / 41 page 8/18/97 Am29F800T/Am29F800B 7 PR E L IM IN A R Y ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I = Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) DEVICE NUMBER/DESCRIPTION Am29F800 8 Megabit (1M x 8-Bit/512K x 16-Bit) CMOS Flash Memory 5.0 Volt-only Program and Erase AM29F800 -70 E C OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In B SPEED OPTION See Product Selector Guide and Valid Combinations T BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector Valid Combinations AM29F800T-70, AM29F800B-70 EC, EI, FC, FI, SC, SI AM29F800T-90, AM29F800B-90 EC, EI, EE, EEB, FC, FI, FE, FEB, SC, SI, SE, SEB AM29F800T-120, AM29F800B-120 AM29F800T-150, AM29F800B-150 |
Número de pieza similar - AM29F800B-70FC |
|
Descripción similar - AM29F800B-70FC |