Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LCGDL9P00JCUE Datasheet(PDF) 2 Page - ITT Industries |
|
LCGDL9P00JCUE Datasheet(HTML) 2 Page - ITT Industries |
2 / 4 page K–18 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com K C&K LC Series Subminiature Precision Snap-acting Switches SERIES OPERATING FORCE ELECTRICAL RATING LC SUBMINIATURE PRECISION SNAP-ACTING SWITCHES SP MOMENTARY 6 170 GH 3.3 94 GD 5 142 GG BASIC SWITCH OPERATING FORCES (OZ./GRAMS) OPTION CODE NOTE: Operating force varies with actuator option, see ACTUATOR option section. All models with all options, also available. Consult Customer Service Center for availability and delivery of nonstandard ratings. *Low Level = conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max. DOMESTIC INTERNATIONAL RoHS COMPLIANT * RoHS COMPATIBLE * MOVABLE CONTACT STATIONARY CONTACT ELECTRICAL RATING F5 X1 Yes Yes Fine silver with 24K gold plate. Fine silver with 24K gold plate on copper base alloy. From low level* to 1 AMP @ 125 V AC, 30 V DC. L9 V6 Yes Yes 5 AMPS, 1/3 HP @ 125 & 250 V AC. M1 Yes Yes 10.1 AMPS, 1/3 HP @ 125 & 250 V AC. CONTACT MATERIAL OPTION CODE Fine silver. Fine silver welded on copper base alloy. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. |
Número de pieza similar - LCGDL9P00JCUE |
|
Descripción similar - LCGDL9P00JCUE |