Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM140K5.0P Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM140K5.0P Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 17 page LM340A Electrical Characteristics (Continued) I OUT = 1A, 0˚C ≤ T J ≤ + 125˚C (LM340A) unless otherwise specified (Note 4) Output Voltage 5V 12V 15V Symbol Input Voltage (unless otherwise noted) 10V 19V 23V Units Parameter Conditions Min Typ Max Min Typ Max Min Typ Max Peak Output Current T J = 25˚C 2.4 2.4 2.4 A Average TC of V O Min, T J = 0˚C, IO = 5 mA −0.6 −1.5 −1.8 mV/˚C V IN Input Voltage T J = 25˚C Required to Maintain 7.5 14.5 17.5 V Line Regulation LM140 Electrical Characteristics (Note 4) −55˚C ≤ T J ≤ +150˚C unless otherwise specified Output Voltage 5V 12V 15V Symbol Input Voltage (unless otherwise noted) 10V 19V 23V Units Parameter Conditions Min Typ Max Min Typ Max Min Typ Max V O Output Voltage T J = 25˚C, 5 mA ≤ I O ≤ 1A 4.8 5 5.2 11.5 12 12.5 14.4 15 15.6 V P D ≤ 15W, 5 mA ≤ I O ≤ 1A 4.75 5.25 11.4 12.6 14.25 15.75 V V MIN ≤ V IN ≤ V MAX (8 ≤ V IN ≤ 20) (15.5 ≤ V IN ≤ 27) (18.5 ≤ V IN ≤ 30) V ∆V O Line Regulation I O = 500 mA T J = 25˚C 3 50 4 120 4 150 mV ∆V IN (7 ≤ V IN ≤ 25) (14.5 ≤ V IN ≤ 30) (17.5 ≤ V IN ≤ 30) V −55˚C ≤ T J ≤ +150˚C 50 120 150 mV ∆V IN (8 ≤ V IN ≤ 20) (15 ≤ V IN ≤ 27) (18.5 ≤ V IN ≤ 30) V I O ≤ 1A T J = 25˚C 50 120 150 mV ∆V IN (7.5 ≤ V IN ≤ 20) (14.6 ≤ V IN ≤ 27) (17.7 ≤ V IN ≤ 30) V −55˚C ≤ T J ≤ +150˚C 25 60 75 mV ∆V IN (8 ≤ V IN ≤ 12) (16 ≤ V IN ≤ 22) (20 ≤ V IN ≤ 26) V ∆V O Load Regulation T J = 25˚C 5 mA ≤ I O ≤ 1.5A 10 50 12 120 12 150 mV 250 mA ≤ I P ≤ 750 mA 25 60 75 mV −55˚C ≤ T J ≤ +150˚C, 50 120 150 mV 5mA ≤ I O ≤ 1A I Q Quiescent Current I O ≤ 1A T J = 25˚C 6 6 6 mA −55˚C ≤ T J ≤ +150˚C 7 7 7 mA ∆I Q Quiescent Current 5 mA ≤ I O ≤ 1A 0.5 0.5 0.5 mA Change T J = 25˚C, IO ≤ 1A 0.8 0.8 0.8 mA V MIN ≤ V IN ≤ V MAX (8 ≤ V IN ≤ 20) (15 ≤ V IN ≤ 27) (18.5 ≤ V IN ≤ 30) V I O = 500 mA, −55˚C ≤ T J ≤ +150˚C 0.8 0.8 0.8 mA V MIN ≤ V IN ≤ V MAX (8 ≤ V IN ≤ 25) (15 ≤ V IN ≤ 30) (18.5 ≤ V IN ≤ 30) V V N Output Noise Voltage T A = 25˚C, 10 Hz ≤ f ≤ 100 kHz 40 75 90 µV www.national.com 4 |
Número de pieza similar - LM140K5.0P |
|
Descripción similar - LM140K5.0P |