Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BLF247B Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BLF247B
Descripción Electrónicos  VHF push-pull power MOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF247B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF247B Datasheet HTML 2Page - NXP Semiconductors BLF247B Datasheet HTML 3Page - NXP Semiconductors BLF247B Datasheet HTML 4Page - NXP Semiconductors BLF247B Datasheet HTML 5Page - NXP Semiconductors BLF247B Datasheet HTML 6Page - NXP Semiconductors BLF247B Datasheet HTML 7Page - NXP Semiconductors BLF247B Datasheet HTML 8Page - NXP Semiconductors BLF247B Datasheet HTML 9Page - NXP Semiconductors BLF247B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
August 1994
6
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF247B
APPLICATION INFORMATION
RF performance in a push-pull, common source, class-B test circuit: Th = 25 °C; Rth mb-h = 0.15 K/W.
Ruggedness in class-B operation
The BLF247B is capable of withstanding a full load mismatch corresponding to VSWR = 50 through all phases under the
following conditions: VDS = 28 V; f = 175 MHz; Th =25 °C; PL = 150 W; Rth mb-h = 0.15 K/W.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
225
28
2
× 100
150
≥12
typ. 13.5
≥55
typ. 70
Fig.9
Power gain and efficiency as functions of
load power; typical values.
Class-B operation.
VDS =28V.
IDQ =2 × 100 mA.
ZL = 1.3 + j0.6 Ω per section.
f = 225 MHz.
handbook, halfpage
0
50
100
150
200
250
0
4
8
12
16
20
0
20
40
60
80
100
P (W)
L
η
(%)
η
MBD289
Gp
Gp
(dB)
Class-B operation.
VDS =28V.
IDQ =2 × 100 mA.
ZL = 1.3 + j0.6 Ω per section.
f = 225 MHz.
Fig.10 Load power as a function of input power;
typical values.
handbook, halfpage
0
300
200
100
0
10
20
30
MBD290
PL
(W)
P (W)
i


Número de pieza similar - BLF247B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BLF242 PHILIPS-BLF242 Datasheet
81Kb / 11P
   HF/VHF power MOS transistor
September 1992
BLF242 NXP-BLF242 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF242 NJSEMI-BLF242 Datasheet
147Kb / 4P
   HF/VHF power MOS transistor
logo
NXP Semiconductors
BLF2425M6L(S)180P NXP-BLF2425M6L(S)180P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF2425M6L180P PHILIPS-BLF2425M6L180P_15 Datasheet
337Kb / 12P
   Power LDMOS transistor
Rev. 3-12 July 2013
More results

Descripción similar - BLF247B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
   VHF push-pull power MOS transistor
September 1992
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
BLF378 PHILIPS-BLF378 Datasheet
134Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com