Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6628PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF6628PBF
Descripción Electrónicos  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6628PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6628PBF Datasheet HTML 1Page - International Rectifier IRF6628PBF Datasheet HTML 2Page - International Rectifier IRF6628PBF Datasheet HTML 3Page - International Rectifier IRF6628PBF Datasheet HTML 4Page - International Rectifier IRF6628PBF Datasheet HTML 5Page - International Rectifier IRF6628PBF Datasheet HTML 6Page - International Rectifier IRF6628PBF Datasheet HTML 7Page - International Rectifier IRF6628PBF Datasheet HTML 8Page - International Rectifier IRF6628PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6628PbF
2
www.irf.com
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
16
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.9
2.5
m
–––
2.5
3.3
VGS(th)
Gate Threshold Voltage
1.35
1.9
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.0
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
100
–––
–––
S
Qg
Total Gate Charge
–––
31
47
Qgs1
Pre-Vth Gate-to-Source Charge
–––
7.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
12
–––
Qgodr
Gate Charge Overdrive
–––
7.4
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
16
–––
Qoss
Output Charge
–––
21
–––
nC
RG
Gate Resistance
–––
1.2
2.2
td(on)
Turn-On Delay Time
–––
20
–––
tr
Rise Time
–––
83
–––
ns
td(off)
Turn-Off Delay Time
–––
17
–––
tf
Fall Time
–––
6.7
–––
Ciss
Input Capacitance
–––
3770
–––
Coss
Output Capacitance
–––
970
–––
pF
Crss
Reverse Transfer Capacitance
–––
500
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.5
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
220
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
21
32
ns
Qrr
Reverse Recovery Charge
–––
26
39
nC
MOSFET symbol
Clamped Inductive Load
VDS = 13V, ID = 22A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VGS = 20V
VGS = -20V
VDS = 20V, VGS = 0V
VDS = 13V
VDS = 20V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 27A
i
VGS = 4.5V, ID = 22A
i
VDS = VGS, ID = 100µA
TJ = 25°C, IF = 22A
VGS = 4.5V
ID = 22A
VGS = 0V
VDS = 15V
ID = 22A
VDD = 13V, VGS = 4.5V
i
di/dt = 250A/µs
i See Fig. 18
TJ = 25°C, IS = 22A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.


Número de pieza similar - IRF6628PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6628PBF IRF-IRF6628PBF Datasheet
290Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6628PBF IRF-IRF6628PBF_15 Datasheet
290Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results

Descripción similar - IRF6628PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com