Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MTB1-2PHY0102 Datasheet(PDF) 6 Page - ITT Industries |
|
MTB1-2PHY0102 Datasheet(HTML) 6 Page - ITT Industries |
6 / 6 page 53 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Microminiature Strip - .100/.050" Contact Spacing MT MTB2 and MTV2 - .100 (2.54) Contact Centers Receptacle Plug .200 ± .010 (5.08 ± 0.25) .032 ± .003 (0.81 ± 0.08) DIA. .126 ± .005 (3.20 ± 0.13) .100 ± .005 (2.54 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) .100 (2.54) TYP. A A CAVITY #1 CAVITY #1 CAV #1 .283 ± .005 (7.19 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) CAVITY #1 .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .100 (2.54) TYP. Part Number by Size MT*2-1** MT*2-2** MT*2-3** MT*2-4** MT*2-5** MT*2-6** MT*2-7** MT*2-8** MT*2-9** MT*2-10** MT*2-11** MT*2-12** MT*2-13** MT*2-14** MT*2-15** MT*2-16** MT*2-17** MT*2-18** MT*2-19** MT*2-20** MT*2*21** MT*2-22** MT*2-23** MT*2-24** MT*2-25** MT*2-26** MT*2-27** MT*2-28** MT*2-29** MT*2-30** MT*2-31** MT*2-32** MT*2-33** MT*2-34** MT*2-35** MT*2-36** MT*2-37** MT*2-38** MT*2-39** MT*2-40** MT*2-41** MT*2-42** MT*2-43** MT*2-44** MT*2-45** MT*2-46** MT*2-47** MT*2-48** MT*2-49** MT*2-50** MT*2*51** MT*2-52** MT*2-53** MT*2-54** MT*2-55** MT*2-56** MT*2-57** MT*2-58** MT*2-59** MT*2-60** .070 (1.78) .170 (4.32) .270 (6.86) .370 (9.40) .470 (11.94) .570 (14.48) .670 (17.02) .770 (19.56) .870 (22.10) .970 (24.64) 1.070 (27.18) 1.170 (29.72) 1.270 (32.26) 1.370 (34.80) 1.470 (37.34) 1.570 (39.88) 1.670 (42.42) 1.770 (44.96) 1.870 (47.50) 1.970 (50.04) 2.070 (52.58) 2.170 (55.12) 2.270 (57.66) 2.370 (60.20) 2.470 (62.74) 2.570 (65.28) 2.670 (67.82) 2.770 (70.36) 2.870 (72.90) 2.970 (75.44) A ±.015 (0.38) Part Number by Size A ±.015 (0.38) 3.070 (77.98) 3.170 (80.52) 3.270 (83.06) 3.370 (85.60) 3.470 (88.14) 3.570 (90.68) 3.670 (93.22) 3.770 (95.76) 3.870 (98.30) 3.970 (100.84) 4.070 (103.38) 4.170 (105.92) 4.270 (108.46) 4.370 (111.00) 4.470 (113.54) 4.570 (116.08) 4.670 (118.62) 4.770 (121.16) 4.870 (123.70) 4.970 (126.24) 5.070 (128.78) 5.170 (131.32) 5.270 (133.86) 5.370 (136.40) 5.470 (138.94) 5.570 (141.48) 5.670 (144.02) 5.770 (146.56) 5.870 (149.10) 5.970 (151.64) |
Número de pieza similar - MTB1-2PHY0102 |
|
Descripción similar - MTB1-2PHY0102 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |