Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM8P51EP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza FM8P51EP
Descripción Electrónicos  EPROM/ROM-Based 8-Bit Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

FM8P51EP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FM8P51EP Datasheet HTML 3Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 4Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 5Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 6Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 7Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 8Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 9Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 10Page - List of Unclassifed Manufacturers FM8P51EP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
FM8P51
Rev1.2 Mar 15, 2005
P.7/FM8P51
FEELING
TECHNOLOGY
TABLE 1.3: Operational Registers Map
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
Unbanked
00h (r/w)
INDF
Uses contents of FSR to address data memory (not a physical register)
01h (r/w)
TMR0
8-bit real-time clock/counter
02h (r/w)
PCL
Low order 8 bits of PC
03h (r/w)
STATUS
GP
PG1
PG0
TO
PD
Z
DC
C
04h (r/w)
FSR
RP1
RP0
Indirect data memory address pointer
05h (r/w)
PORTA
IOA7
IOA6
IOA5
IOA4
IOA3
IOA2
IOA1
IOA0
06h (r/w)
PORTB
IOB7
IOB6
IOB5
IOB4
IOB3
IOB2
IOB1
IOB0
07h (r/w)
PORTC
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
08h (r/w)
PORTD
IOD7
IOD6
IOD5
IOD4
IOD3
IOD2
IOD1
IOD0
09h (r/w)
PORTE
IOE7
IOE6
IOE5
IOE4
IOE3
IOE2
IOE1
IOE0
Bank 0
0Ah (r/w)
SPIRCB
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
0Bh (r/w)
SPITXB
TX7
TX6
TX5
TX4
TX3
TX2
TX1
TX0
0Ch (r/w)
SPISTAT
TXBFIF
TXBF
TM1IF
SDOOD
SCKOD
RCBFIF
RCBF
0Dh (r/w)
SPICON
CKEDG
SPION
RCOV
SSE
SSEMOD
SPIM2
SPIM1
SPIM0
0Eh (r/w)
TMR1
TMR17
TMR16
TMR15
TMR14
TMR13
TMR12
TMR11
TMR10
0Fh (r/w)
PR1
PR17
PR16
PR15
PR14
PR13
PR12
PR11
PR10
Bank 1
0Ah (r/w)
T23CON
-
-
-
T16
T3ON
T3CS
T2ON
T2CS
0Bh (r/w)
TMR2
TMR27
TMR26
TMR25
TMR24
TMR23
TMR22
TMR21
TMR20
0Ch (r/w)
PR2
PR27
PR26
PR25
PR24
PR23
PR22
PR21
PR20
0Dh (r/w)
TMR3
TMR37
TMR36
TMR35
TMR34
TMR33
TMR32
TMR31
TMR30
0Eh (r/w)
PR3
PR37
PR36
PR35
PR34
PR33
PR32
PR31
PR30
0Fh
-
Unimplemented, read as “0”s
Bank 2
0Ah (r/w)
PWMCON
-
-
-
-
-
PW1T3
PW1ON
PW0ON
0Bh (r/w)
PW0DCL
DC1
DC0
-
-
-
-
-
-
0Ch (r/w)
PW0DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
0Dh (r/w)
PW1DCL
DC1
DC0
-
-
-
-
-
-
0Eh (r/w)
PW1DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
0Fh
-
Unimplemented, read as “0”s
Bank 3
0Ah (r/w)
RFCCON
RFCON
START
-
RFCS4
RFCS3
RFCS2
RFCS1
RFCS0
0Bh (r)
RFCDL
RFCD7
RFCD6
RFCD5
RFCD4
RFCD3
RFCD2
RFCD1
RFCD0
0Ch (r)
RFCDH
RFCOV RFCD14 RFCD13 RFCD12 RFCD11 RFCD10
RFCD9
RFCD8
0Dh (r/w)
CMPDX
DX7
DX6
DX5
DX4
DX3
DX2
DX1
DX0
0Eh (r/w)
CMPDY
DY7
DY6
DY5
DY4
DY3
DY2
DY1
DY0
0Fh (r)
CMPSTAT
-
-
-
-
CMPF3
CMPF2
CMPF1
CMPF0
Unbanked
3Fh (r/w)
INTFLAG
SPITXIF
RFCIF
T3IF
T2IF
T1IF
SPIRCIF
INTIF
T0IF
Legend: - = unimplemented, read as ‘0’, * = unimplemented, read as ‘1’.


Número de pieza similar - FM8P51EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Feeling Technology Corp...
FM8P51EP FEELING-FM8P51EP Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
More results

Descripción similar - FM8P51EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com