Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLC10P1300 Datasheet(PDF) 3 Page - ITT Industries

No. de pieza SLC10P1300
Descripción Electrónicos  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC10P1300 Datasheet(HTML) 3 Page - ITT Industries

  SLC10P1300 Datasheet HTML 1Page - ITT Industries SLC10P1300 Datasheet HTML 2Page - ITT Industries SLC10P1300 Datasheet HTML 3Page - ITT Industries SLC10P1300 Datasheet HTML 4Page - ITT Industries SLC10P1300 Datasheet HTML 5Page - ITT Industries SLC10P1300 Datasheet HTML 6Page - ITT Industries SLC10P1300 Datasheet HTML 7Page - ITT Industries SLC10P1300 Datasheet HTML 8Page - ITT Industries SLC10P1300 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
The Snap Lock Environmental Series is
environmentally sealed connector created for printed
circuit board, black box, cable-to-cable or bulkhead
applications.
When your under-the-hood requirements call for
tough performance, the SLC "snaps" into a tightly
sealed connection that can withstand heat, shock and
vibration. The connector is designed to preserve the
integrity of the solid state package, while protecting
against contaminants - even when unmated.
Gold, tin/lead plated stamped contacts add durability.
A rugged, thermoplastic receptacle body maximizes
performance by withstanding temperature variances
from -40°C to +150°C (material rating).
The SLC series is available in 2, 5, 8, 10, 15 contact
cavity configurations. It can also be adapted to
robotics assembly. Should you requirement demand
higher density configurations, consult Customer
Service.
· Superior environmental sealing
· Material rating: -40°C to +150°C continuous
operation at rated current
· Available in sizes 2, 5, 8, 10, 15 contacts
· Crimp stamped gold, tin/lead plated contacts
· Hand insertable/removable contacts
· Current rating 5 A and 13 A versions
· Low millivolt drop
· Low contact resistance
· Small footprint on P.C. board and low profile
· Adaptable to robotics assembly
· Latch with tactile and audible feedback
· Increases durability and provides for minimum
installation
· Low installed cost
· Requires less PCB space
Contact Resistance
Insulation Resistance
Current Rating
Dielectric Withstanding Voltage
Applicable Cannon Specification
Material Rating Operating Temperature
Crimp Contacts
Wire Size
Wire Insulation Sealing Range
Contact Insertion
Contact Extraction
Contact Retention
Wire Strip Length
10m
Ω maximum
20M
Ω minimum (USCAR)
5 A signal continuous at 150°C all contacts, 2 position
13 A power continuous at 150°C all contacts, 5 position and 10 position only
1000 Vrms AC at sea level
SLC (CS-206) SLCT 5 & 10 (210) SLCT8 (216) SLCT 15 (206)
-40°C to +150°C
Semi-automatic or hand crimpable or fully automatic
20 - 16 AWG
1,98 (.078) to 3,30 (.130) dia.
No tool required. Suitable for automation.
Rear Removable
20 lbs. Minimum per contact
5,59 (.220) to 5,33 (.210)
Connector Housing
Contacts
Finish
Environmental Seal
High temperature thermoplastic
Copper alloy
Engaging area: Gold over nickel
Crimp/P.C. tail area: Tin/lead over nickel - standard offering
Tin/Lead over nickel - Option #2 all over
High temperature silicone elastomer
Snap/Clip-Lock Environmentally Sealed - Circular
Cannon SLC/SLC-T/CLC
Product Features and Benefits
Performance Specifications
Materials and Finishes


Número de pieza similar - SLC10P1300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-1 CANDD-SLC100-1 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100-1 MURATA-PS-SLC100-1 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-10 CANDD-SLC100-10 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Descripción similar - SLC10P1300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com