Nombre de pieza
         Descripción
TPS40140

 DUAL OR 2-PHASE, STACKABLE CONTROLLER ( 65 Page)


TI
100% 
Zoom Out Zoom In
 6 page
background image
www.ti.com
3
TYPICAL CHARACTERISTICS
TJ − Junction Temperature − °C
−40 −25 −10
5
20
35
50
65
80
95 110 125
229.0
229.2
229.4
229.6
229.8
230.0
230.2
230.4
TJ − Junction Temperature − °C
−40 −25 −10
5
20
35
50
65
80
95 110 125
4.2610
4.2615
4.2620
4.2625
4.2630
4.2645
4.2650
4.2655
4.2660
4.2635
4.2640
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
ELECTRICAL CHARACTERISTICS (continued)
T
J = –40°C to 85°C, (unless otherwise noted), VVDD = 7 V, VBP5 = 5 V, UVLO_CE1, UCLO_CE2: 10 kΩ, Pullup to BP5,
f
SW = 300 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RAMP
Ramp Amplitude(1)
0.421
0.5
0.526
V
VIN BALANCE
VIN Balance Gain, AVB
0.23
0.25
0.27
V/V
THERMAL SHUTDOWN
Shutdown Temperature(1)
155
°C
Hysteresis(1)
30
DIGITAL CLOCK SIGNAL (CLKIO)
Pull-up resistance(1)
IOH = 5 mA
27
Pull-down resistance(1)
IOL = 10 mA
27
Output leakage(1)
Three-state
1
µA
(1)
Ensured by design. Not 100% production tested.
BP5 TURNOFF HYSTERESIS VOLTAGE
BP5 TURNON THRESHOLD VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 3-1.
Figure 3-2.
TYPICAL CHARACTERISTICS
6
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BI3101ADUAL RWM CCFL CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ZBNG4000FET BIAS CONTROLLER 1 2 3 4 5 MoreZetex Semiconductors
ADM11722.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator 1 2 3 4 5 MoreAnalog Devices
HMC581LP6HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
ZXMP6A17DN8DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
MC1650DUAL A/D CONVERTER 1 2 3 4 5 MoreMotorola, Inc

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl