Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLEB28T3PG Datasheet(PDF) 10 Page - ITT Industries

No. de pieza SLEB28T3PG
Descripción Electrónicos  Snap-Lock Environmentally Sealed - Rectangular
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEB28T3PG Datasheet(HTML) 10 Page - ITT Industries

Back Button SLEB28T3PG Datasheet HTML 6Page - ITT Industries SLEB28T3PG Datasheet HTML 7Page - ITT Industries SLEB28T3PG Datasheet HTML 8Page - ITT Industries SLEB28T3PG Datasheet HTML 9Page - ITT Industries SLEB28T3PG Datasheet HTML 10Page - ITT Industries SLEB28T3PG Datasheet HTML 11Page - ITT Industries SLEB28T3PG Datasheet HTML 12Page - ITT Industries SLEB28T3PG Datasheet HTML 13Page - ITT Industries SLEB28T3PG Datasheet HTML 14Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
29
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Contact Extraction Tool
Part Number: 274-7068-001
Tip Part Number: 323-9519-000
· A Standard CET - SLE/SLC is available for
extraction of the individual crimp contacts. Insertion
tool is not required.
Snap-Lock Environmentally Sealed - Rectangular
Extraction Tool
Cannon SLE
Insertion/Extraction Instructions for Crimp Contacts
Insertion Tool
No insertion tool is required. The
contact is easily snapped in
from the rear of the connector
manually.
1. Move to the rear of the
connector so that the contact
cavities can be identified.
2. Insert a crimp terminated
assembly into a selected cavity.
3. Continue the forward movement
until and audible snap can be felt
and heard. Slight pull in the
opposite direction will confirm
complete insertion.
1. Open the CET - SLE Extraction
tool and place it over the insulation
of the wire.
2. Using a straight motion forward,
insert the tool along the wire until it
bottoms against the connector. (Do
not use a screwing motion -
damage will result.)
3. While the extraction tool is in
place, simply pull the wire/contact
assembly out.
4. Remove the extraction tool.
Extraction is complete.
Extraction


Número de pieza similar - SLEB28T3PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
   Photovoltaic Relay
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
logo
Sanyou Corporation Limi...
SLE-DM SANYOU-SLE-DM Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-B SANYOU-SLE-S-112DM1-B Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-F SANYOU-SLE-S-112DM1-F Datasheet
157Kb / 3P
   Photovoltaic Relay
More results

Descripción similar - SLEB28T3PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
   Snap/Clip-Lock Environmentally Sealed - Circular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
   Environmentally green
logo
International Rectifier
IRL6283MPBF IRF-IRL6283MPBF_15 Datasheet
508Kb / 9P
   Environmentally Friendly Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com