Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLEB19S3PG Datasheet(PDF) 8 Page - ITT Industries

No. de pieza SLEB19S3PG
Descripción Electrónicos  Snap-Lock Environmentally Sealed - Rectangular
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEB19S3PG Datasheet(HTML) 8 Page - ITT Industries

Back Button SLEB19S3PG Datasheet HTML 4Page - ITT Industries SLEB19S3PG Datasheet HTML 5Page - ITT Industries SLEB19S3PG Datasheet HTML 6Page - ITT Industries SLEB19S3PG Datasheet HTML 7Page - ITT Industries SLEB19S3PG Datasheet HTML 8Page - ITT Industries SLEB19S3PG Datasheet HTML 9Page - ITT Industries SLEB19S3PG Datasheet HTML 10Page - ITT Industries SLEB19S3PG Datasheet HTML 11Page - ITT Industries SLEB19S3PG Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
27
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Panel Cutout
SLEB
SLEB
SLEB
SLEB
SLEC
SLEC
SLEC
SLEC
19
19
19
19
28
28
28
28
130410-0000*
130410-0001*
130410-0002*
130410-0004*
130414-0000
130414-0001
130414-0002
130414-0004
SLEB19N3P
SLEB19N3PM
SLEB19N3PN
SLEB19N3
SLEC28N3P
SLEC28N3PM
SLEC28N3PN
SLEC28N3
63,50 (2.500)
63,50 (2.500)
63,50 (2.500)
63,50 (2.500)
78,94 (3.108)
78,94 (3.108)
78,94 (3.108)
78,94 (3.108)
74,94 (3.100)
74,94 (3.100)
74,94 (3.100)
74,94 (3.100)
54,61 (2.150)
54,61 (2.150)
54,61 (2.150)
54,61 (2.150)
35,81 (1.410)
35,81 (1.410)
35,81 (1.410)
35,81 (1.410)
51,05 (2.010)
51,05 (2.010)
51,05 (2.010)
51,05 (2.010)
56,13 (2.210)
56,13 (2.210)
56,13 (2.210)
56,13 (2.210)
71,37 (2.810)
71,37 (2.810)
71,37 (2.810)
71,37 (2.810)
47,62 (1.875)
47,62 (1.875)
47,62 (1.875)
47,62 (1.875)
62,86 (2.475)
62,86 (2.475)
62,86 (2.475)
62,86 (2.475)
Shell
Number of
Size
Contacts
Part Number*
Nomenclature
A Max.
B Max.
C Max.
D Max.
E Max.
*Select polarization, see page 23.
SLE B19
(19 contacts)
SLE C28
(28 contacts)
Snap-Lock Environmentally Sealed - Rectangular
Plug, PCB, 90˚
Cannon SLE
Recommended PCB Layout, 90˚


Número de pieza similar - SLEB19S3PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
   Photovoltaic Relay
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
logo
Sanyou Corporation Limi...
SLE-DM SANYOU-SLE-DM Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-B SANYOU-SLE-S-112DM1-B Datasheet
157Kb / 3P
   Photovoltaic Relay
SLE-S-112DM1-F SANYOU-SLE-S-112DM1-F Datasheet
157Kb / 3P
   Photovoltaic Relay
More results

Descripción similar - SLEB19S3PG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
SLC ITT-SLC Datasheet
452Kb / 16P
   Snap/Clip-Lock Environmentally Sealed - Circular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
   Environmentally green
logo
International Rectifier
IRL6283MPBF IRF-IRL6283MPBF_15 Datasheet
508Kb / 9P
   Environmentally Friendly Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com