Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1151A-E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza MC1151A-E
Descripción Electrónicos  Advanced Step Motor Control Chipset
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

MC1151A-E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC1151A-E Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1151A-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Advanced Step Motor
Control Chipset
MC1451A, MC1451A-E
MC1251A, MC1251A-E
MC1151A, MC1151A-E
Advanced control of up to 4 step motors
per chipset
High speed pulse and direction output
S-curve, trapezoidal, velocity contouring,
and electronic gearing trajectory modes
Optional incremental encoder feedback
Software & feature compatible with other
versions of PMD's chipset family
Available in 1, 2, or 4 axis configurations
32-bit position, velocity, acceleration and
jerk trajectory profile registers
Pulse and direction output for each axis at
up to 1.5 Mpulses/sec
On-the-fly stall detection
Two travel-limit switches per axis
External motion breakpoint per axis
Intelligent easy-to-use packet-oriented
command protocol
Programmable pulse output modes
Chipset Developer's kit available
Features
General Description
The MC1451A is a dedicated motion processor which functions
as a complete chip-based step motor controller. Packaged in a
2-IC chipset, this device performs trajectory generation and
pulse and direction signal generation for use in a wide variety of
stepper-based systems. The MC1451A provides an optional
third IC which allows incremental encoder signal input for
position verification and on-the-fly stall detection. The MC1451A
is available in a one, a two, and a four-axis configuration.
The MC1451A is functionally similar to other PMD motion
processors however it is dedicated to the control of step motors,
instead of servo motors. All of these devices provide
sophisticated trajectory generation and synchronization features
allowing the creation of complex motion sequences.
In addition to pulse and direction circuitry which can output at
up to 1.5 megapulses per second the chipset provides two limit
switches per axis, a programmable external signal breakpoint
per axis, and an 'At Rest' output signal.
The chipset is controlled by a host processor which interfaces
with the chipset via an 8-bit bi-directional port. Communications
to/from the chipset consist of packet-oriented messages. A host
interrupt line is provided so that the chipset can signal the host
when special conditions occur such as stall detection.
The chipset is packaged in 2 68-pin PLCC packages. An
optional third 44 pin PLCC chip provides encoder input. All
chips are CMOS and are powered by 5 volts.
Doc. Rev. 12.02, Nov. 1997
Typical Configuration
Host
Processor
MC1451A
(I/O & CP
& ENC)
E
Axis 1
E
Axis 2
E
Axis 3
E
Axis 4
Amp
Amp
Amp
Amp
M
M
M
M
(MC1451A only)
(MC1451A only)
(MC1451A, MC1251A
only)
Performance Motion Devices, Inc. 12 Waltham St. Lexington, MA 02421 tel: 781.674.9860 fax: 781.674.9861 www.pmdcorp.com


Número de pieza similar - MC1151A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC1151A-E ETC-MC1151A-E Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
More results

Descripción similar - MC1151A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
logo
Winbond
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
logo
List of Unclassifed Man...
P-NUCLEO-IHM001 ETC2-P-NUCLEO-IHM001 Datasheet
633Kb / 4P
   STM32 Nucleo Pack FOC and 6-step motor control platform
logo
ON Semiconductor
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
   Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
List of Unclassifed Man...
ST-57BYGH ETC2-ST-57BYGH Datasheet
43Kb / 2P
   1.8째HYBRID STEP MOTOR
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
   Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL