Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600-M-2 Datasheet(PDF) 57 Page - Cypress Semiconductor

No. de pieza IBIS4-6600-M-2
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600-M-2 Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button IBIS4-6600-M-2 Datasheet HTML 53Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 54Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 55Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 56Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 57Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 58Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 59Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 60Page - Cypress Semiconductor IBIS4-6600-M-2 Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 57 of 63
7 Boundary scan test structures
Table 20 summarizes the pins that can be used to scan through internal nodes. In case
testing is not needed, these pins can be left floating.
Table 21: Boundary scan pins
Boundary scan pins
64
BS_RESET
input
Boundary scan: reset
65
BS_CLOCK
input
Boundary scan: clock
66
BS_DIN
input
Boundary scan: in
67
BS_BUS
output
Boundary scan: bus
The following signals can be connected to the bus (make sure to have only one 1 in
the scan registers at any time) (see Table 220).
Table 22: Internal signals that can be connected to the boundary scan bus.
Internal signals
1
eos_yl_shift
16
sub_y<3>
31
data<3>
2
clk_x_seq
17
sub_y<4>
32
data<2>
3
sync_x_seq
18
sub_y<5>
33
data<1>
4
clk_y_seq
19
address<3>
34
data<0>
5
sync_yl_seq
20
address<2>
35
eos_yr_shift
6
reset_seq
21
address<1>
36
eos_x_shift
7
tri_l_seq
22
address<0>
37
sync_yr_shift
8
select_seq
23
data<11>
38
tri_r_seq
9
sub_x<1>
24
data<10>
39
cal_seq
10
sub_x<2>
25
data<9>
40
slowfast_seq
11
sub_x<3>
26
data<8>
41
black_seq
12
sub_x<4>
27
data<7>
42
precharge_seq
13
sub_x<5>
28
data<6>
43
sample_S_seq
14
sub_y<1>
29
data<5>
44
sample_R_seq
15
sub_y<2>
30
data<4>


Número de pieza similar - IBIS4-6600-M-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600-M-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com